Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8949 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS8949
Descripción Electrónicos  Dual N-Channel Logic Level PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8949 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS8949 Datasheet HTML 1Page - Fairchild Semiconductor FDS8949 Datasheet HTML 2Page - Fairchild Semiconductor FDS8949 Datasheet HTML 3Page - Fairchild Semiconductor FDS8949 Datasheet HTML 4Page - Fairchild Semiconductor FDS8949 Datasheet HTML 5Page - Fairchild Semiconductor FDS8949 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS8949 Rev. B1
www.fairchildsemi.com
4
Figure 7.
048
12
16
0
2
4
6
8
10
VDD = 30V
VDD = 10V
Qg, GATE CHARGE(nC)
VDD = 20V
Gate Charge Characteristics
Figure 8.
0.1
1
10
10
1
10
2
10
3
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
40
Capacitance vs Drain to Source Voltage
Figure 9.
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.1
1
10
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
Unclamped Inductive Switching
Capability
Figure 10.
25
50
75
100
125
150
0
1
2
3
4
5
6
7
RθJA = 81
o
C/W
TA, Ambient TEMPERATURE (oC)
VGS = 4.5V
VGS = 10V
Maximum Continuous Drain Current vs
Ambient Temperature
Figure 11.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
300
DC
10s
1s
100ms
10ms
1ms
100us
LIMITED BY
PACKAGE
SINGLE PULSE
TJ = MAX RATED
TA = 25oC
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
VDS, DRAIN-SOURCE VOLTAGE (V)
Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power
Dissipation
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
0.7
V
GS = 10V
SINGLE PULSE
t, PULSE WIDTH (s)
SINGLE PULSE
RθJA = 135°C/W
TA = 25°C
Typical Characteristics T
J = 25°C unless otherwise noted


Número de pieza similar - FDS8949

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8949 FAIRCHILD-FDS8949 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDS8949-NL VBSEMI-FDS8949-NL Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Fairchild Semiconductor
FDS8949 FAIRCHILD-FDS8949_10 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results

Descripción similar - FDS8949

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6912A FAIRCHILD-FDS6912A_03 Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6930B FAIRCHILD-FDS6930B Datasheet
532Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI3948DV FAIRCHILD-SI3948DV Datasheet
95Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6910 KEXIN-KDS6910 Datasheet
67Kb / 2P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com