Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCF4094M013TR Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza HCF4094M013TR
Descripción Electrónicos  8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094M013TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4094M013TR Datasheet HTML 4Page - STMicroelectronics HCF4094M013TR Datasheet HTML 5Page - STMicroelectronics HCF4094M013TR Datasheet HTML 6Page - STMicroelectronics HCF4094M013TR Datasheet HTML 7Page - STMicroelectronics HCF4094M013TR Datasheet HTML 8Page - STMicroelectronics HCF4094M013TR Datasheet HTML 9Page - STMicroelectronics HCF4094M013TR Datasheet HTML 10Page - STMicroelectronics HCF4094M013TR Datasheet HTML 11Page - STMicroelectronics HCF4094M013TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HCF4094B
8/13
WAVEFORM 1: PROPAGATION DELAY TIMES, PULSE WIDTH (CLOCK), SETUP AND HOLD TIME
(DATA IN TO CLOCK) (f=1MHz; 50% duty cycle)
WAVEFORM 2: PROPAGATION DELAY TIME, PULSE WIDTH (STROBE), SETUP AND HOLD TIME
(STROBE TO CLOCK) (f=1MHz; 50% duty cycle)


Número de pieza similar - HCF4094M013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
HCF4094M013TR STMICROELECTRONICS-HCF4094M013TR Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
More results

Descripción similar - HCF4094M013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_14 Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
MC14094B ONSEMI-MC14094B Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
ON Semiconductor
MC14094BDTR2G ONSEMI-MC14094BDTR2G Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com