Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF25ABDT-TR Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza LF25ABDT-TR
Descripción Electrónicos  Very low drop voltage regulators with inhibit
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF25ABDT-TR Datasheet(HTML) 1 Page - STMicroelectronics

  LF25ABDT-TR Datasheet HTML 1Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 2Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 3Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 4Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 5Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 6Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 7Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 8Page - STMicroelectronics LF25ABDT-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
May 2006
Rev. 15
1/46
46
LF00 series
Very low drop voltage regulators with inhibit
Feature summary
Very low dropout voltage (0.45V)
Very low quiescent current (TYP. 50 µA in OFF
mode, 500 µA in ON mode)
Output current up to 500 mA
Logic-controlled electronic shutdown
Output voltages of 1.5; 1.8; 2.5; 2.7; 3; 3.3; 3.5;
4; 5; 6; 8; 8.5; 9; 12V
Internal current and thermal limit
Only 2.2 µF for stability
Available in ± 1% (AB) or ± 2% (C) selection at
25°C
Supply voltage rejection: 80db (typ.)
Temperature range: -40 to 125°C
Description
The LF00 series are very Low Drop regulators
available in PENTAWATT, TO-220, TO-220FP,
DPAK and PPAK package and in a wide range of
output voltages.
The very Low Drop voltage (0.45V) and the very
low quiescent current make them particularly
suitable for Low Noise, Low Power applications
and specially in battery powered systems.
In the 5 pins configuration (PENTAWATT and
PPAK) a Shutdown Logic Control function is
available (pin 2, TTL compatible). This means that
when the device is used as a local regulator, it is
possible to put a part of the board in standby,
decreasing the total power consumption. In the
three terminal configuration the device has the
same electrical performance, but is fixed in the
ON state. It requires only a 2.2 µF capacitor for
stability allowing space and cost saving.
TO-220FP
PENTAWATT
TO-220
DPAK
PPAK
www.st.com
Schematic diagram


Número de pieza similar - LF25ABDT-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LF25ABDT-TR STMICROELECTRONICS-LF25ABDT-TR Datasheet
1,016Kb / 45P
   Very low drop voltage regulators with inhibit
LF25ABDT-TR STMICROELECTRONICS-LF25ABDT-TR Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
LF25ABDT-TRY STMICROELECTRONICS-LF25ABDT-TRY Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
More results

Descripción similar - LF25ABDT-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com