Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65054RSMTG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65054RSMTG4
Descripción Electrónicos  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65054RSMTG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65054RSMTG4 Datasheet HTML 10Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 11Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 12Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 13Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 14Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 15Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 16Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 17Page - Texas Instruments TPS65054RSMTG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
1
10
I
− OutputCurrent
O
− A
0.1
3.4V
5V
4.2V
3.8V
V
=3.3V
T =25 C
PWM/PFMMode
O
A
o
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
1
10
I
− OutputCurrent
O
− A
0.1
V
=3.3V
T =25 C
PWMMode
O
A
o
3.8V
3.4V
5V
4.2V
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
FIGURE
Efficiency converter 1
vs Output current
Figure 1
Efficiency converter 2
vs Output current
Figure 2
Efficiency converter 1
vs Output current
Figure 3
Efficiency converter 2
vs Output current
Figure 4
Output voltage ripple
PWM/PFM mode = low
Figure 5
Output voltage ripple
PWM mode = high
Figure 6
DCDC1 startup timing
Figure 7
LDO1 to LDO4 startup timing
Figure 8
DCDC1 load transient response
PWM mode = high
Figure 9
DCDC1 load transient response
PFM mode = low
Figure 10
DCDC2 load transient response
PWM mode = high
Figure 11
DCDC2 load transient response
PFM mode = low
Figure 12
DCDC1 line transient response
Figure 13
DCDC2 line transient response
Figure 14
LDO1 load transient response
Figure 15
LDO4 load transient response
Figure 16
LDO1 line transient response
Figure 17
Power supply rejection ratio
vs Frequency
Figure 18
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
14
Submit Documentation Feedback


Número de pieza similar - TPS65054RSMTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65054RSMTG4 TI-TPS65054RSMTG4 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Descripción similar - TPS65054RSMTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com