Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC0820ACDW Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TLC0820ACDW Datasheet(HTML) 8 Page - Texas Instruments |
8 / 13 page TLC0820AC, TLC0820AI Advanced LinCMOS ™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994 2–8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Data Valid ta(INT) td(int) td(NC) td(WIH) tw(W) CS Low RD Low WR/RDY INT D0 – D7 50% 50% 50% 50% 50% 90% 10% Figure 4. Write-Read-Mode Waveforms (Stand-Alone Operation, MODE High, and RD Low) RD Data Output Dn = D0 ...D7 RD tr = 20 ns Data Outputs 10% tdis 10% 50% 90% CL = 10 pF tr VOL VCC GND VCC VCC TLC0820 Input GND Dn RD CS CL 1 k Ω Data Outputs tr = 20 ns VCC GND VOH GND 90% tdis 10% 50% 90% tr CL = 10 pF Input TLC0820 GND CS RD Dn CL 1 k Ω Data Output VCC TEST CIRCUIT VOLTAGE WAVEFORMS VOLTAGE WAVEFORMS TEST CIRCUIT Figure 5. Test Circuit and Voltage Waveforms |
Número de pieza similar - TLC0820ACDW |
|
Descripción similar - TLC0820ACDW |