Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DFBM-CH120 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

No. de Pieza. DFBM-CH120
Descripción  Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.1.
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo 

DFBM-CH120 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
DFBM-CH1 20
Data Sheet
Jan 24, 2005
Proprietary Information and Specifications are Subject to Change
DFBM-CH120
Bluetooth
Module Class 2
Wireless communication
module compliant with
Bluetooth
Specification V1.1.
FEATURES:
Suitable for Cellular Phones, Notebook PCs, PDAs, Digital
Cameras, Printers ……., etc.
Small size and Low Profile using high-density packaging
technology.
High sensitivity for better reception.
Various interfaces: UART, USB and PCM.
Wide operating temperature range: -40~+85
.
Device diagram
TM
TM
PCM
BC3-
Handphone


Html Pages

1  2  3  4  5  6