Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK473-100B Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BUK473-100B
Descripción Electrónicos  PowerMOS transistor Isolated version of BUK453-100A/B
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK473-100B Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK473-100B Datasheet HTML 1Page - NXP Semiconductors BUK473-100B Datasheet HTML 2Page - NXP Semiconductors BUK473-100B Datasheet HTML 3Page - NXP Semiconductors BUK473-100B Datasheet HTML 4Page - NXP Semiconductors BUK473-100B Datasheet HTML 5Page - NXP Semiconductors BUK473-100B Datasheet HTML 6Page - NXP Semiconductors BUK473-100B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK473-100A/B
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 5 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
0
2
4
6
8
10
BUK453-100A
VDS / V
28
24
20
16
12
8
4
0
4
5
6
7
8
10
15
20
ID / A
VGS / V =
0
4
8
12
16
20
24
28
BUK453-100A
ID / A
gfs / S
7
6
5
4
3
2
1
0
0
4
8
12
16
20
24
28
BUK453-100A
ID / A
1.0
0.8
0.6
0.4
0.2
0
4.5
5
5.5
6
6.5
7
7.5
8
10
20
RDS(ON) / Ohm
VGS / V =
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
Normalised RDS(ON) = f(Tj)
2.0
1.5
1.0
0.5
0
a
0
2
4
6
8
10
BUK453-100A
VGS / V
ID / A
28
24
20
16
12
8
4
0
Tj / C =
25
150
-60
-40
-20
0
20
40
60
80
100
120
140
Tj / C
VGS(TO) / V
4
3
2
1
0
max.
typ.
min.
November 1996
4
Rev 1.200


Número de pieza similar - BUK473-100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK473-100B ISC-BUK473-100B Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUK473-100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK473-60A PHILIPS-BUK473-60A Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of BUK453-60A/B
November 1996 Rev 1.200
BUK475-100A PHILIPS-BUK475-100A Datasheet
76Kb / 7P
   PowerMOS transistor Isolated version of BUK455-100A/B
November 1996 Rev 1.200
BUK472-100A PHILIPS-BUK472-100A Datasheet
59Kb / 7P
   PowerMOS transistor Isolated version of BUK452-100A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
79Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
BUK475-200A PHILIPS-BUK475-200A Datasheet
58Kb / 7P
   PowerMOS transistor Isolated version of BUK455-200A/B
June 1996 Rev 1.200
BUK475-60A PHILIPS-BUK475-60A Datasheet
59Kb / 7P
   PowerMOS transistor Isolated version of BUK455-60A/B
November 1996 Rev 1.200
BUK472-60A PHILIPS-BUK472-60A Datasheet
59Kb / 7P
   PowerMOS transistor Isolated version of BUK452-60A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
80Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
PHX1N60E PHILIPS-PHX1N60E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP1N60E
November 1996 Rev 1.000
PHX15N06E PHILIPS-PHX15N06E Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of PHP20N06E
November 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com