Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STD110NH02L Datasheet(Hoja de datos) 3 Page - STMicroelectronics

No. de Pieza. STD110NH02L
Descripción  N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 
 3 page
background image
STD110NH02L
Electrical ratings
3/15
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vspike
(1)
1.
Garanted when external Rg = 4.7
Ω and tf < tfmax.
Drain-source voltage rating
30
V
VDS
Drain-source voltage (VGS = 0)
24
V
VDGR
Drain-gate voltage (RGS = 20KΩ)24
V
VGS
Drain-source voltage
± 20
V
ID
(2)
2.
Value limited by wire bonding.
Drain current (continuous) at TC = 25°C
80
A
ID
(2)
Drain current (continuous) at TC=100°C
80
A
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25°C
125
W
Derating factor
0.83
W/°C
EAS
(4)
4.
Starting TJ = 25
oC, I
D = 30A, VDD = 15V
Single pulse avalanche energy
900
mJ
Tstg
Storage temperature
-55 to 175
°C
TJ
Max. operating junction temperature
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
1.20
°C/W
RthJA
Thermal resistance junction-ambient Max
100
°C/W
Tl
Maximum lead temperature for soldering
purpose
275
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
STD70N02LN-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD90N02LN-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD95NH02L_06N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STB100NH02LN-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET TM III POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD70N03LN-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD95N4F3N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD100NH03L_06N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STU100N3LF3N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STB60NH02L_04N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl