Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN761667RHAR Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza SN761667RHAR
Descripción Electrónicos  DIGITAL TV TUNER IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN761667RHAR Datasheet(HTML) 3 Page - Texas Instruments

  SN761667RHAR Datasheet HTML 1Page - Texas Instruments SN761667RHAR Datasheet HTML 2Page - Texas Instruments SN761667RHAR Datasheet HTML 3Page - Texas Instruments SN761667RHAR Datasheet HTML 4Page - Texas Instruments SN761667RHAR Datasheet HTML 5Page - Texas Instruments SN761667RHAR Datasheet HTML 6Page - Texas Instruments SN761667RHAR Datasheet HTML 7Page - Texas Instruments SN761667RHAR Datasheet HTML 8Page - Texas Instruments SN761667RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
TERMINAL FUNCTIONS
SN761667
DIGITAL TV TUNER IC
SLES200 – JANUARY 2007
TERMINAL
DESCRIPTION
SCHEMATIC
NAME
NO.
AS
20
Address selection input
Figure 1
BS1
23
Band-switch 1 output
Figure 2
BS2
24
Band-switch 2 output
Figure 2
BS3
25
Band-switch 3 output
Figure 2
BS4
35
Band-switch 4 output
Figure 2
CP
8
Charge-pump output
Figure 3
IF GCA CTRL
13
IF GCA CTRL voltage input
Figure 4
IF GCA IN1
11
IF GCA input 1
Figure 5
IF GCA IN2
12
IF GCA input 2
Figure 5
IF GCA OUT1
15
IF GCA output 1
Figure 6
IF GCA OUT2
14
IF GCA output 2
Figure 6
IF GND
5
IF ground
IF OUT1
6
IF amplifier output 1
Figure 7
IF OUT2
7
IF amplifier output 2
Figure 7
MIX OUT1
29
Mixer output 1
Figure 8
MIX OUT2
28
Mixer output 2
Figure 8
OSC GND
40
Oscillator ground
P5/ADC
16
Port-5 output/ADC input
Figure 9
RF AGC FIL
26
RF AGC additional capacitor pin
Figure 10
RF AGC OUT
27
RF AGC output
Figure 11
RF GND
30
RF ground
SCL
21
Serial clock input
Figure 12
SDA
22
Serial data input/output
Figure 13
UHF OSC B1
1
UHF oscillator base 1
Figure 14
UHF OSC B2
4
UHF oscillator base 2
Figure 14
UHF OSC C1
2
UHF oscillator collector 1
Figure 14
UHF OSC C2
3
UHF oscillator collector 2
Figure 14
UHF RF IN1
34
UHF RF input 1
Figure 15
UHF RF IN2
33
UHF RF input 2
Figure 15
VCC
10
Supply voltage: 5 V
VHI OSC B
38
VHF HIGH oscillator base
Figure 16
VHI OSC C
39
VHF HIGH oscillator collector
Figure 16
VHI RF IN
32
VHF-H RF input
Figure 17
VLO OSC B
36
VHF LOW oscillator base
Figure 18
VLO OSC C
37
VHF LOW oscillator collector
Figure 18
VLO RF IN
31
VHF-L RF input
Figure 19
VTU
9
Tuning voltage amplifier output
Figure 3
XTAL1
17
4-MHz crystal oscillator output
Figure 20
XTAL2
18
4-MHz crystal oscillator input
Figure 20
XTAL OUT
19
4-MHz crystal oscillator output
Figure 21
3
Submit Documentation Feedback


Número de pieza similar - SN761667RHAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761662DBT TI-SN761662DBT Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662DBT TI1-SN761662DBT Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761662DBTR TI1-SN761662DBTR Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
More results

Descripción similar - SN761667RHAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761644 TI1-SN761644 Datasheet
949Kb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761646 TI1-SN761646 Datasheet
679Kb / 26P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
898Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com