Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGW39NC60VD Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STGW39NC60VD
Descripción Electrónicos  N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW39NC60VD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW39NC60VD_06 Datasheet HTML 4Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 5Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 6Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 7Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 8Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 9Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 10Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 11Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
STGW39NC60VD
8/13
Figure 13. Thermal impedance
Figure 14. Turn-off SOA


Número de pieza similar - STGW39NC60VD_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
More results

Descripción similar - STGW39NC60VD_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com