Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS72501DCQR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS72501DCQR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 22 page www.ti.com Line regulation (mV) + % V V O 5.5 V * VImin 100 1000 PACKAGE DISSIPATION RATINGS ELECTRICAL CHARACTERISTICS TPS72501 TPS72515, TPS72516 TPS72518, TPS72525 SLVS341D – MAY 2002 – REVISED MARCH 2004 PACKAGE BOARD RθJC RθJA DDPAK High K(1) 2 °C/W 23 °C/W SOT223 Low K(2) 15 °C/W 53 °C/W D-8 High K(1) 39.4 °C/W 55 °C/W (1) The JEDEC high-K (2s2p) board design used to derive this data was a 3-inch x 3-inch (7.5-cm x 7.5-cm), multilayer board with 1 ounce internal power and ground planes and 2 ounce copper traces on top and bottom of the board. (2) The JEDEC low-K (1s) board design used to derive this data was a 3-inch x 3-inch (7.5-cm x 7.5-cm), two-layer board with 2 ounce copper traces on top of the board. over recommended operating free-air temperature range V I = VO(typ) + 1 V, IO= 1 mA, EN = IN, Co = 1 µF, Ci = 1 µF (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Bandgap voltage reference 1.177 1.220 1.263 V TPS72501 0 µA < IO < 1 A (1) 1.22 V ≤ V O ≤ 5.5 V 0.965 VO 1.035 VO Adjustable TJ = 25°C 1.5 TPS72515 0 µA< IO < 1 A 1.8 V ≤ V I ≤ 5.5 V 1.47 1.53 TJ = 25°C 1.6 TPS72516 VO Output voltage V 0 µA < IO < 1 A 2.6 V ≤ V I ≤ 5.5 V 1.568 1.632 TJ = 25°C 1.8 TPS72518 0 µA < IO < 1 A 2.8 V ≤ V I ≤ 5.5 V 1.764 1.836 TJ = 25°C 2.5 TPS72525 0 µA < IO < 1 A 3.5 V ≤ V I ≤ 5.5 V 2.45 2.55 IO = 0 µA 75 120 I Ground current µA IO = 1 A 210 300 EN < 0.4 V TJ = 25°C 0.2 Standby current µA EN < 0.4 V 1 BW = 200 Hz to 100 kHz, Co = 10 µF, IO = 1 Vn Output noise voltage 150 µV TJ = 25°C mA PSRR Ripple rejection f = 1 kHz, Co = 10 µF TJ = 25°C 60 dB Current limit(2) 1.1 1.6 2.3 A Output voltage line regulation VO + 1 V < VI≤ 5.5 V -0.15 0.02 0.15 %/V ( ∆V O/VO) (3) Output voltage load regulation 0 µA < IO < 1 A -0.25 0.05 0.25 %/A VIH EN high level input(2) 1.3 V VIL EN low level input(2) -0.2 0.4 II EN input current EN = 0 V or VI 0.01 100 nA I(FB) Feedback current TPS72501 V(FB) = 1.22 -100 100 nA UVLO threshold VCC rising 1.45 1.57 1.70 V UVLO hysteresis TJ = 25°C, VCC rising 50 mV UVLO deglitch TJ = 25°C, VCC rising 10 µs UVLO delay TJ = 25°C, VCC rising 100 µs (1) Minimum IN operating voltage used for testing is VO(typ) + 1 V. (2) Test condition includes output voltage VO = VO - 15% and pulse duration = 10 ms. (3) VImin = (VO + 1) or 1.8 V whichever is greater. 3 |
Número de pieza similar - TPS72501DCQR |
|
Descripción similar - TPS72501DCQR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |