Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABT18646PM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ABT18646PM
Descripción Electrónicos  WITH 18-BIT TRANSCEIVER AND REGISTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18646PM Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ABT18646PM Datasheet HTML 5Page - Texas Instruments SN74ABT18646PM Datasheet HTML 6Page - Texas Instruments SN74ABT18646PM Datasheet HTML 7Page - Texas Instruments SN74ABT18646PM Datasheet HTML 8Page - Texas Instruments SN74ABT18646PM Datasheet HTML 9Page - Texas Instruments SN74ABT18646PM Datasheet HTML 10Page - Texas Instruments SN74ABT18646PM Datasheet HTML 11Page - Texas Instruments SN74ABT18646PM Datasheet HTML 12Page - Texas Instruments SN74ABT18646PM Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SN74ABT18646
SCAN TEST DEVICE
WITH 18-BIT TRANSCEIVER AND REGISTER
SCBS131A – AUGUST 1992 – REVISED JANUARY 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (test mode) (see Note 4 and Figure 2)123
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
fmax
TCK
50
MHz
tPLH
TCK
AorB
2.5
13.5
ns
tPHL
TCK
A or B
2.5
12.5
ns
tPLH
TCK
TDO
2
6.5
ns
tPHL
TCK
TDO
2
6.5
ns
tPZH
TCK
AorB
4.5
13.8
ns
tPZL
TCK
A or B
5
14.5
ns
tPZH
TCK
TDO
2
7
ns
tPZL
TCK
TDO
3
7.5
ns
tPHZ
TCK
AorB
4
17
ns
tPLZ
TCK
A or B
3
16
ns
tPHZ
TCK
TDO
3
9
ns
tPLZ
TCK
TDO
3
7.5
ns
NOTE 4: Preliminary specifications based on SPICE analysis


Número de pieza similar - SN74ABT18646PM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABT18640 TI-SN74ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN74ABT18640DGG TI-SN74ABT18640DGG Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN74ABT18640DL TI-SN74ABT18640DL Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
More results

Descripción similar - SN74ABT18646PM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVCH16646A TI1-SN74LVCH16646A_08 Datasheet
369Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A TI-SN74LVCH16652A Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74AVC16646 TI-SN74AVC16646 Datasheet
225Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com