Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK545-100A Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUK545-100A
Descripción Electrónicos  PowerMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK545-100A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK545-100A Datasheet HTML 1Page - NXP Semiconductors BUK545-100A Datasheet HTML 2Page - NXP Semiconductors BUK545-100A Datasheet HTML 3Page - NXP Semiconductors BUK545-100A Datasheet HTML 4Page - NXP Semiconductors BUK545-100A Datasheet HTML 5Page - NXP Semiconductors BUK545-100A Datasheet HTML 6Page - NXP Semiconductors BUK545-100A Datasheet HTML 7Page - NXP Semiconductors BUK545-100A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK545-100A/B
Logic level FET
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 25 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Ths); conditions: ID = 25 A
Fig.16. Avalanche energy test circuit.
0
0.4
0.8
1.2
1.6
2
2.4
VGS / V
ID / A
1E-01
1E-02
1E-03
1E-04
1E-05
1E-06
SUB-THRESHOLD CONDUCTION
2 %
typ
98 %
0
1
2
BUK555-100A
VSDS / V
50
40
30
20
10
0
IF / A
Tj / C = 150
25
0
20
40
VDS / V
C / pF
Ciss
Coss
Crss
10
100
1000
10000
BUK5y5-100
20
40
60
80
100
120
140
Ths / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
0
20
40
QG / nC
VGS / V
12
10
8
6
4
2
0
VDS / V =20
80
BUK555-100
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
April 1993
5
Rev 1.100


Número de pieza similar - BUK545-100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK545-100A ISC-BUK545-100A Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUK545-100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com