Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6667 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza 2N6667
Descripción Electrónicos  Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60??0 V, 65 W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6667 Datasheet(HTML) 5 Page - ON Semiconductor

  2N6667 Datasheet HTML 1Page - ON Semiconductor 2N6667 Datasheet HTML 2Page - ON Semiconductor 2N6667 Datasheet HTML 3Page - ON Semiconductor 2N6667 Datasheet HTML 4Page - ON Semiconductor 2N6667 Datasheet HTML 5Page - ON Semiconductor 2N6667 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N6667, 2N6668
http://onsemi.com
5
IC, COLLECTOR CURRENT (AMPS)
VBE(sat) @ IC/IB = 250
Figure 11. Typical “On” Voltages
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 3 V
0.1
0.2 0.3
0.5
0.7
1
2
10
7
35
3
2
1.5
1
0.5
Figure 12. Typical Temperature Coefficients
+3
+2
0
−1
−2
−3
+5
+4
+1
2.5
0.1
0.2 0.3
0.5 0.7
1
2
10
7
35
IC, COLLECTOR CURRENT (AMP)
−55
°C to 25°C
25
°C to 150°C
−55
°C to 25°C
25
°C to 150°C
θVB for VBE
−4
−5
∗θVC for VCE(sat)
hFE @VCE + 3.0 V
3
*IC/IB
105
Figure 13. Typical Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
102
101
100
10− 1
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
+0.2
+0.4
0
−0.2
−0.4 −0.6 −0.8
−1.2 −1.4
−1
+0.6


Número de pieza similar - 2N6667

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6667 MOSPEC-2N6667 Datasheet
151Kb / 3P
   POWER TRANSISTORS(65W)
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
   DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
Boca Semiconductor Corp...
2N6667 BOCA-2N6667 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Central Semiconductor C...
2N6667 CENTRAL-2N6667 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
76Kb / 8P
   Darlington Silicon Power Transistors
April, 2002 ??Rev. 4
More results

Descripción similar - 2N6667

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
   PNP SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
   DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
Quanzhou Jinmei Electro...
2SB1625 JMNIC-2SB1625_15 Datasheet
169Kb / 3P
   Silicon PNP Darlington Power Transistors
2SB1626 JMNIC-2SB1626_15 Datasheet
160Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1559 SAVANTIC-2SB1559 Datasheet
173Kb / 4P
   Silicon PNP Darlington Power Transistors
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
New Jersey Semi-Conduct...
BDT60F NJSEMI-BDT60F Datasheet
131Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
   Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com