Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LNBP21 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza LNBP21
Descripción Electrónicos  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 3 Page - STMicroelectronics

  LNBP21_04 Datasheet HTML 1Page - STMicroelectronics LNBP21_04 Datasheet HTML 2Page - STMicroelectronics LNBP21_04 Datasheet HTML 3Page - STMicroelectronics LNBP21_04 Datasheet HTML 4Page - STMicroelectronics LNBP21_04 Datasheet HTML 5Page - STMicroelectronics LNBP21_04 Datasheet HTML 6Page - STMicroelectronics LNBP21_04 Datasheet HTML 7Page - STMicroelectronics LNBP21_04 Datasheet HTML 8Page - STMicroelectronics LNBP21_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LNBP21
3/24
Table 1: Ordering Codes
Table 2: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 3: Thermal Data
Figure 2: Pin Configuration (top view)
TYPE
SO-20
(Tube)
SO-20
(Tape & Reel)
PowerSO-20
(Tube)
PowerSO-20
(Tape & Reel)
LNBP21
LNBP21D2
LNBP21D2-TR
LNBP21PD
LNBP21PD-TR
Symbol
Parameter
Value
Unit
VCC
DC Input Voltage
16
V
VUP
DC Input Voltage
25
V
VLT1, VLT2 DC Input Voltage
20
V
IO
Output Current
Internally Limited
mA
VO
DC Output Pin Voltage
-0.3 to 22
V
VI
Logic Input Voltage (SDA, SCL, DSQIN)
-0.3 to 7
V
VDETIN
Detector Input Signal Amplitude
2
VPP
VOH
Logic High Output Voltage (DSQOUT)
7V
ILT
Bypass Switch ON Current
900
mA
VLT
Bypass Switch OFF Voltage
±20
V
IGATE
Gate Current
±400
mA
VSENSE
Current Sense Voltage
-0.3 to 1
V
VADDRESS Address Pin Voltage
-0.3 to 7
V
Tstg
Storage Temperature Range
-40 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
SO-20
PowerSO-20
Unit
Rthj-case
Thermal Resistance Junction-case
15
2
°C/W
PowerSO-20
SO-20


Número de pieza similar - LNBP21_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LNBP21D2 STMICROELECTRONICS-LNBP21D2 Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBP21D2-TR STMICROELECTRONICS-LNBP21D2-TR Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBP21PD STMICROELECTRONICS-LNBP21PD Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBP21PD-TR STMICROELECTRONICS-LNBP21PD-TR Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
More results

Descripción similar - LNBP21_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LNBP21 STMICROELECTRONICS-LNBP21 Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
November 2002
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
   Dual LNB supply and control IC with Step-Up converter and I2C interface
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
   DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
   LNB supply and control IC with step-up and I2C interface
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
   LNB supply and control IC with step-up and I2C interface
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
   Dual LNB supply and control IC with step-up and I2C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com