Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5322 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza CS5322
Descripción Electrónicos  Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5322 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5322 Datasheet HTML 4Page - ON Semiconductor CS5322 Datasheet HTML 5Page - ON Semiconductor CS5322 Datasheet HTML 6Page - ON Semiconductor CS5322 Datasheet HTML 7Page - ON Semiconductor CS5322 Datasheet HTML 8Page - ON Semiconductor CS5322 Datasheet HTML 9Page - ON Semiconductor CS5322 Datasheet HTML 10Page - ON Semiconductor CS5322 Datasheet HTML 11Page - ON Semiconductor CS5322 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CS5322
http://onsemi.com
8
PACKAGE PIN DESCRIPTION (continued)
PACKAGE PIN #
FUNCTION
PIN SYMBOL
SO−28L
FUNCTION
PIN SYMBOL
19
VCCL2
Power for GATE(L)2.
20
SS
Soft Start capacitor pin. The Soft Start capacitor controls
both Soft Start time and hiccup mode frequency. The COMP
pin is clamped below Soft Start during Start−Up and hiccup
mode.
21
LGND
Return for internal control circuits and IC substrate connection.
22
VCCH1
Power for GATE(H)1. UVLO Sense for High Side Driver sup-
ply connects to this pin.
23
GATE(H)1
High side driver #1.
24
GND1
Return #1 drivers.
25
GATE(L)1
Low side driver #1.
26
VCCL1
Power for GATE(L)1.
27
VCCL
Power for internal control circuits. UVLO Sense for Logic
connects to this pin.
28
ROSC
A resistor from this pin to ground sets operating frequency
and VFB bias current.


Número de pieza similar - CS5322

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5322 CIRRUS-CS5322 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5322-BL CIRRUS-CS5322-BL Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5322-BL CIRRUS-CS5322-BL Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5322-BL CIRRUS-CS5322-BL Datasheet
672Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5322-BLZ CIRRUS-CS5322-BLZ Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
More results

Descripción similar - CS5322

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
   Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com