Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8129YTVA5 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CS8129YTVA5
Descripción Electrónicos  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129YTVA5 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8129YTVA5 Datasheet HTML 1Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 2Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 3Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 4Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 5Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 6Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 7Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 8Page - ON Semiconductor CS8129YTVA5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS8129
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TA ≤ 125°C, −40 ≤ TJ ≤ 150°C, 6.0 ≤ VIN ≤ 26 V, 5.0 mA ≤ IOUT ≤ 500 mA,
RRESET = 4.7 kW to VOUT unless otherwise noted.) (Note 3)
Characteristic
Test Conditions
Min
Typ
Max
Unit
OUTPUT STAGE (VOUT)
Output Voltage
4.85
5.0
5.15
V
Dropout Voltage
IOUT = 500 mA
0.35
0.60
V
Supply Current
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
2.0
6.0
55
7.0
12
100
mA
mA
mA
Line Regulation
6.0 V
≤ VIN ≤ 26 V, IOUT = 50 mA
5.0
50
mV
Load Regulation
50 mA
≤ IOUT ≤ 500 mA, VIN = 14 V
10
50
mV
Ripple Rejection
f = 120 Hz, VIN = 7.0 to 17 V, IOUT = 250 mA
54
75
dB
Current Limit
0.75
1.20
A
Overvoltage Shutdown
32
40
V
Reverse Polarity Input Voltage DC
VOUT ≥ −0.6 V, 10 W Load
−15
−30
V
Thermal Shutdown
Guaranteed by Design
150
180
210
°C
RESET AND DELAY FUNCTIONS
Delay Charge Current
VDELAY = 2.0 V
5.0
10
15
mA
RESET Threshold
VOUT Increasing, VRT(ON)
VOUT Decreasing, VRT(OFF)
4.05
4.00
4.35
4.20
4.50
4.45
V
V
RESET Hysteresis
VRH = VRT(ON) − VRT(OFF)
50
150
250
mV
Delay Threshold
Charge, VDC(HI)
Discharge, VDC(LO)
3.25
2.85
3.50
3.10
3.75
3.35
V
V
Delay Hysteresis
200
400
800
mV
RESET Output Voltage Low
1.0 V < VOUT < VRT(L), 3.0 kW to VOUT
0.1
0.4
V
RESET Output Leakage
VOUT > VRT(H) Current
0
10
mA
Delay Capacitor Discharge Voltage
Discharge Latched “ON”, VOUT > VRT
0.2
0.5
V
Delay Time
CDELAY = 0.1 mF, (Note 4)
16
32
48
ms
3. To observe safe operating junction temperatures, low duty cycle pulse testing is used in tests where applicable.
4. Assuming ideal capacitor.
Delay Time
+
CDelay
VDelay Threshold Charge
ICharge
+ CDelay
3.5
105 (typ)
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
SO−16WB
TO−220
5 LEAD
LEAD SYMBOL
FUNCTION
1
1
VIN
Unregulated supply voltage to IC.
16
5
VOUT
Regulated 5.0 V output.
4, 5, 11, 12, 13
3
GND
Ground Connection.
8
4
Delay
Timing capacitor for RESET function.
6
2
RESET
CMOS/TTL compatible output lead. RESET goes low whenever VOUT drops
below 6.0% of it’s regulated value.
14
N/A
VOUT(SENSE)
Remote sensing of output voltage.


Número de pieza similar - CS8129YTVA5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS8129YTVA5 CHERRY-CS8129YTVA5 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
More results

Descripción similar - CS8129YTVA5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com