Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8126-1YDPSR7 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CS8126-1YDPSR7
Descripción Electrónicos  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126-1YDPSR7 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8126-1YDPSR7 Datasheet HTML 1Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 2Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 3Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 4Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 5Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 6Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 7Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 8Page - ON Semiconductor CS8126-1YDPSR7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS8126
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Power Dissipation
Internally Limited
Peak Transient Voltage (46 V Load Dump)
−50, 60
V
Output Current
Internally Limited
ESD Susceptibility (Human Body Model)
4.0
kV
Package Thermal Resistance, TO−220−5:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
2.1
50
°C/W
°C/W
Package Thermal Resistance, D2PAK−7:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
2.1
10−50**
°C/W
°C/W
Junction Temperature Range
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
**Depending on thermal properties of substrate. RqJA = RqJC + RqCA.
ELECTRICAL CHARACTERISTICS (TA = −40°C to +125°C, TJ = −40°C to +150°C, VIN = 6.0 to 26 V,
IO = 5.0 to 500 mA, RRESET = 4.7 kW to VCC, unless otherwise noted.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage (VOUT)
Output Voltage
4.85
5.00
5.15
V
Dropout Voltage
IOUT1 = 500 mA
0.35
0.60
V
Supply Current
IOUT ≤ 10 mA
IOUT ≤ 100 mA
IOUT ≤ 500 mA
2.0
6.0
55
7.0
12
100
mA
mA
mA
Line Regulation
VIN = 6.0 to 26 V, IOUT = 50 mA
5.0
50
mV
Load Regulation
IOUT = 50 to 500 mA, VIN = 14 V
10
50
mV
Ripple Rejection
f = 120 Hz, VIN = 7.0 to 17 V, IOUT = 250 mA
54
75
dB
Current Limit
0.75
1.20
A
Overvoltage Shutdown
32
40
V
Maximum Line Transient
VOUT ≤ 5.5 V
95
V
Reverse Polarity Input Voltage DC
VOUT ≥ −0.6 V, 10 W Load
−15
−30
V
Reverse Polarity Input Voltage Transient
1.0% Duty Cycle, T < 100 ms, 10
W Load
−80
V
Thermal Shutdown
Note 3
150
180
210
°C
3. Guaranteed By Design


Número de pieza similar - CS8126-1YDPSR7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS8126-1YT5 CHERRY-CS8126-1YT5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHA5 CHERRY-CS8126-1YTHA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHE5 CHERRY-CS8126-1YTHE5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHER5 CHERRY-CS8126-1YTHER5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTVA5 CHERRY-CS8126-1YTVA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

Descripción similar - CS8126-1YDPSR7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com