Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS51031YD8G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CS51031YD8G
Descripción Electrónicos  Fast P?묬h FET Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031YD8G Datasheet(HTML) 4 Page - ON Semiconductor

  CS51031YD8G Datasheet HTML 1Page - ON Semiconductor CS51031YD8G Datasheet HTML 2Page - ON Semiconductor CS51031YD8G Datasheet HTML 3Page - ON Semiconductor CS51031YD8G Datasheet HTML 4Page - ON Semiconductor CS51031YD8G Datasheet HTML 5Page - ON Semiconductor CS51031YD8G Datasheet HTML 6Page - ON Semiconductor CS51031YD8G Datasheet HTML 7Page - ON Semiconductor CS51031YD8G Datasheet HTML 8Page - ON Semiconductor CS51031YD8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS51031
http://onsemi.com
4
Q
Q
Q
Q
RG
VC
VGATE
PGND
R
S
F2
VGATE
Flip−Flop
G2
+
VFB
Comparator
A6
VFB
1.25 V
G1
0.7 V
Hold Off
Comp
Fault
Comp
1.15 V
A4
CS Charge
Sense
Comparator
R
S
F1
Slow Discharge
Flip−Flop
GND
G4
G5
+
A3
Slow Discharge
Comparator
2.3 V
2.4 V
+
A2
CS
Comparator
2.5 V
1.5 V
IT
55
IT
5
IT
CS
G3
VREF = 3.3 V
COSC
2.5 V
1.5 V
A1
VREF
3.3 V
VCCOK
VCC
Oscillator
Comparator
VCC
VREF
IC
7IC
Figure 2. Block Diagram
CIRCUIT DESCRIPTION
THEORY OF OPERATION
Control Scheme
The CS51031 monitors the output voltage to determine
when to turn on the P−Ch FET. If VFB falls below the internal
reference voltage of 1.25 V during the oscillator’s charge
cycle, the P−Ch FET is turned on and remains on for the
duration of the charge time. The P−Ch FET gets turned off
and remains off during the oscillator’s discharge time with
the maximum duty cycle to 80%. It requires 7.0 mV typical,
and 20 mV maximum ripple on the VFB pin is required to
operate. This method of control does not require any loop
stability compensation.


Número de pieza similar - CS51031YD8G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS51031YD8G ONSEMI-CS51031YD8G Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

Descripción similar - CS51031YD8G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com