Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC337-40RL1G Datasheet(PDF) 2 Page - ON Semiconductor |
|
BC337-40RL1G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 5 page BC337, BC337−16, BC337−25, BC337−40, BC338−25 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector −Emitter Breakdown Voltage (IC = 10 mA, IB = 0) BC337 BC338 V(BR)CEO 45 25 − − − − Vdc Collector −Emitter Breakdown Voltage (IC = 100 mA, IE = 0) BC337 BC338 V(BR)CES 50 30 − − − − Vdc Emitter −Base Breakdown Voltage (IE = 10 mA, IC = 0) V(BR)EBO 5.0 − − Vdc Collector Cutoff Current (VCB = 30 V, IE = 0) BC337 (VCB = 20 V, IE = 0) BC338 ICBO − − − − 100 100 nAdc Collector Cutoff Current (VCE = 45 V, VBE = 0) BC337 (VCE = 25 V, VBE = 0) BC338 ICES − − − − 100 100 nAdc Emitter Cutoff Current (VEB = 4.0 V, IC = 0) IEBO − − 100 nAdc ON CHARACTERISTICS DC Current Gain (IC = 100 mA, VCE = 1.0 V) BC337 BC337−16 BC337−25/BC338−25 BC337−40 (IC = 300 mA, VCE = 1.0 V) hFE 100 100 160 250 60 − − − − − 630 250 400 630 − − Base−Emitter On Voltage (IC = 300 mA, VCE = 1.0 V) VBE(on) − − 1.2 Vdc Collector −Emitter Saturation Voltage (IC = 500 mA, IB = 50 mA) VCE(sat) − − 0.7 Vdc SMALL−SIGNAL CHARACTERISTICS Output Capacitance (VCB = 10 V, IE = 0, f = 1.0 MHz) Cob − 15 − pF Current −Gain − Bandwidth Product (IC = 10 mA, VCE = 5.0 V, f = 100 MHz) fT − 210 − MHz Figure 1. Thermal Response t, TIME (SECONDS) 0.001 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 0.01 0.02 0.03 0.05 0.07 0.1 0.2 0.3 0.5 0.7 1.0 D = 0.5 0.2 0.1 0.05 0.02 0.01 SINGLE PULSE qJC(t) = (t) qJC qJC = 100°C/W MAX qJA(t) = r(t) qJA qJA = 375°C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) − TC = P(pk) qJC(t) t1 t2 P(pk) DUTY CYCLE, D = t1/t2 SINGLE PULSE |
Número de pieza similar - BC337-40RL1G |
|
Descripción similar - BC337-40RL1G |