Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM211 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LM211
Descripción Electrónicos  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211 Datasheet(HTML) 5 Page - ON Semiconductor

  LM211_05 Datasheet HTML 1Page - ON Semiconductor LM211_05 Datasheet HTML 2Page - ON Semiconductor LM211_05 Datasheet HTML 3Page - ON Semiconductor LM211_05 Datasheet HTML 4Page - ON Semiconductor LM211_05 Datasheet HTML 5Page - ON Semiconductor LM211_05 Datasheet HTML 6Page - ON Semiconductor LM211_05 Datasheet HTML 7Page - ON Semiconductor LM211_05 Datasheet HTML 8Page - ON Semiconductor LM211_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM211, LM311
http://onsemi.com
5
Figure 9. Response Time for
Various Input Overdrives
Figure 10. Response Time for
Various Input Overdrives
Figure 11. Output Short Circuit Current
Characteristics and Power Dissipation
Figure 12. Output Saturation Voltage
versus Output Current
tTLH, RESPONSE TIME (ms)
tTHL, RESPONSE TIME (ms)
VO, OUTPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
15
10
5.0
0
−5.0
−10
−15
0
−50
−100
0
1.0
2.0
0
1.0
2.0
15
10
5.0
0
−5.0
−10
−15
0
50
100
150
125
100
75
50
25
0
0
5.0
10
15
0.90
0.75
0.60
0.45
0.30
0.15
0
0.90
0.75
0.60
0.45
0.30
0.15
0
0
8.0
16
24
32
40
48
56
TA = +25°C
TA = −55°C
TA = +25°C
TA = +125°C
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
Power Dissipation
Short Circuit Current
VCC = +15 V
VEE = −15 V
TA = +25°C
VCC = +15 V
VEE = −15 V
TA = +25°C
Figure 13. Output Leakage Current
versus Temperature
Figure 14. Power Supply Current
versus Supply Voltage
TA, TEMPERATURE (°C)
VCC−VEE, POWER SUPPLY VOLTAGE (V)
100
10
1.0
0.1
0.01
25
45
65
85
105
125
3.6
3.0
2.4
1.8
1.2
0.6
0
0
5.0
10
15
20
25
30
VCC = +15 V
VEE = −15 V
TA = +25°C
Output VO = +50 V (LM211 only)
Positive Supply − Output Low
Positive and Negative Power Supply − Output H igh


Número de pieza similar - LM211_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-N TI-LM211-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
More results

Descripción similar - LM211_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com