Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM323T Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LM323T
Descripción Electrónicos  3.0 A Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM323T Datasheet(HTML) 5 Page - ON Semiconductor

  LM323T Datasheet HTML 1Page - ON Semiconductor LM323T Datasheet HTML 2Page - ON Semiconductor LM323T Datasheet HTML 3Page - ON Semiconductor LM323T Datasheet HTML 4Page - ON Semiconductor LM323T Datasheet HTML 5Page - ON Semiconductor LM323T Datasheet HTML 6Page - ON Semiconductor LM323T Datasheet HTML 7Page - ON Semiconductor LM323T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM323, LM323A
http://onsemi.com
5
Figure 9. Dropout Voltage
Figure 10. Short Circuit Current
010
20
30
40
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
1.0
0.5
0
t, TIME (µs)
Iout = 150 mA
CO = 0
TJ = 25°C
1.0
0
102030
40
t, TIME (µs)
Vin = 10 V
CO = 0
TJ = 25°C
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
1.5
0.5
0
Figure 11. Line Transient Response
Figure 12. Load Transient Response
2.5
2.0
1.5
1.0
0.5-90
-50
-10
30
70
110
150
190
TJ, JUNCTION TEMPERATURE (°C)
Iout = 3.0 A
Iout = 1.0 A
Iout = 0.5 A
∆Vout = 50 mV
8.0
6.0
4.0
2.0
0
5.0
10
15
20
25
Vin, INPUT VOLTAGE (Vdc)
TJ = 0°C
TJ = 25°C
TJ = 125°C
APPLICATIONS INFORMATION
Design Considerations
The LM323,A series of fixed voltage regulators are
designed with Thermal Overload Protection that shuts
down the circuit when subjected to an excessive power
overload condition, Internal Short Circuit Protection that
limits the maximum current the circuit will pass, and
Output Transistor Safe–Area Compensation that reduces
the output short circuit current as the voltage across the pass
transistor is increased.
In
many
low
current
applications,
compensation
capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long
wire lengths, or if the output load capacitance is large. An
input bypass capacitor should be selected to provide good
high–frequency characteristics to insure stable operation
under all load conditions. A 0.33
µF or larger tantalum,
mylar, or other capacitor having low internal impedance at
high frequencies should be chosen. The bypass capacitor
should be mounted with the shortest possible leads directly
across the regulator’s input terminals. Normally good
construction techniques should be used to minimize ground
loops and lead resistance drops since the regulator has no
external sense lead.


Número de pieza similar - LM323T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM323T ONSEMI-LM323T Datasheet
126Kb / 8P
   3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
logo
STMicroelectronics
LM323T STMICROELECTRONICS-LM323T Datasheet
725Kb / 15P
   Three-terminal 3 A adjustable voltage regulators
More results

Descripción similar - LM323T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
   3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX_10 Datasheet
1Mb / 39P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com