Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK573-60A Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BUK573-60A
Descripción Electrónicos  PowerMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK573-60A Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK573-60A Datasheet HTML 1Page - NXP Semiconductors BUK573-60A Datasheet HTML 2Page - NXP Semiconductors BUK573-60A Datasheet HTML 3Page - NXP Semiconductors BUK573-60A Datasheet HTML 4Page - NXP Semiconductors BUK573-60A Datasheet HTML 5Page - NXP Semiconductors BUK573-60A Datasheet HTML 6Page - NXP Semiconductors BUK573-60A Datasheet HTML 7Page - NXP Semiconductors BUK573-60A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK573-60A/B
Logic level FET
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 10 A; VGS = 5 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
0
2
4
6
8
10
BUK553-50A
VDS / V
40
30
20
10
0
3
4
5
7
10
ID / A
VGS / V =
0
10
20
30
40
BUK 553-50A
ID / A
gfs / S
10
9
8
7
6
5
4
3
2
1
0
0
10
20
30
40
BUK553-50A
ID / A
0.5
0.4
0.3
0.2
0.1
0
2.5
3
3.5
4
4.5
5
7
10
RDS(ON) / Ohm
VGS / V =
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
a
Normalised RDS(ON) = f(Tj)
1.5
1.0
0.5
0
0
2
4
6
8
BUK553-50A
VGS / V
40
30
20
10
0
ID / A
Tj / C =
25
150
-60
-40
-20
0
20
40
60
80
100
120
140
Tj / C
VGS(TO) / V
2
1
0
max.
typ.
min.
February 1994
4
Rev 1.100


Número de pieza similar - BUK573-60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK573-60A ISC-BUK573-60A Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUK573-60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com