Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK581-60A Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK581-60A
Descripción Electrónicos  PowerMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK581-60A Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK581-60A Datasheet HTML 1Page - NXP Semiconductors BUK581-60A Datasheet HTML 2Page - NXP Semiconductors BUK581-60A Datasheet HTML 3Page - NXP Semiconductors BUK581-60A Datasheet HTML 4Page - NXP Semiconductors BUK581-60A Datasheet HTML 5Page - NXP Semiconductors BUK581-60A Datasheet HTML 6Page - NXP Semiconductors BUK581-60A Datasheet HTML 7Page - NXP Semiconductors BUK581-60A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK581-60A
Logic level FET
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tamb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tamb); conditions: VGS ≥ 5 V
Fig.3. Transient thermal impedance.
Z
th j-amb = f(t); parameter D = tp/T
Fig.4. Safe operating area T
amb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
Tamb / C
0.1
1
10
100
VDS / V
ID / A
10
1
0.1
0.01
BUK581-60A
1 ms
10 ms
100 ms
1 s
10 s
DC
tp = 100 us
0
20
40
60
80
100
120
140
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
Tamb / C
0
2
4
6
8
10
VDS / V
ID / A
BUK581-60A
5
4
3
2
1
0
3
3.5
4
5
10
VGS / V = 2.5
4.5
1E-07
1E-05
1E-03
1E-01
1E+01
1E+03
BUKX81
t / s
Zth j-amb / (K/W)
1E+02
1E+01
1E+00
1E-01
1E-02
0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
D =
0
2
4
ID / A
BUK581-60A
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3.5
5
VGS / V = 10
34
4.5
RDS(ON) / Ohm
13
5
October 1995
3
Rev 1.100


Número de pieza similar - BUK581-60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
More results

Descripción similar - BUK581-60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com