Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDX34BG Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza BDX34BG
Descripción Electrónicos  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX34BG Datasheet(HTML) 3 Page - ON Semiconductor

  BDX34BG Datasheet HTML 1Page - ON Semiconductor BDX34BG Datasheet HTML 2Page - ON Semiconductor BDX34BG Datasheet HTML 3Page - ON Semiconductor BDX34BG Datasheet HTML 4Page - ON Semiconductor BDX34BG Datasheet HTML 5Page - ON Semiconductor BDX34BG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BDX33B, BDX33C* (NPN) BDX34B, BDX34C* (PNP)
http://onsemi.com
3
Figure 1. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
RqJC(t) = r(t) RqJC
RqJC = 1.92°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
SINGLE
PULSE
0.03
0.3
3.0
30
300
20
1.0
10
5.0
2.0
1.0
0.5
0.02
3.0
5.0 7.0
10
20
30
50
100
70
0.2
dc
5.0 ms
1.0 ms
BDX33B
BDX33C
500 ms
100
ms
TC = 25°C
CURVES APPLY BELOW RATED VCEO
0.05
0.1
2.0
20
1.0
Figure 2. Active−Region Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
5.0
2.0
1.0
0.5
0.02
3.0
5.0 7.0
10
20
30
50
100
70
0.2
dc
5.0 ms
1.0 ms
BDX34B
BDX34C
500 ms
100
ms
TC = 25°C
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW RATED VCEO
0.05
0.1
2.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
There are two limitations on the power handling ability of a
transistor:
average
junction
temperature
and
second
breakdown. Safe operating area curves indicate IC − VCE limits
of the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipation
than the curves indicate. The data of Figure 3 is based on TJ(pk)
= 150
_C; TC is variable depending on conditions. Second
breakdown pulse limits are valid for duty cycles to 10%
provided TJ(pk) = 150_C. TJ(pk) may be calculated from the
data in Figure 4. At high case temperatures, thermal
limitations will reduce the power that can be handled to values
less than the limitations imposed by second breakdown.
10,000
1.0
Figure 3. Small−Signal Current Gain
f, FREQUENCY (kHz)
10
2.0
5.0
10
20
50
100
200
1000
500
300
100
5000
20
3000
200
500
2000
1000
30
50
300
0.1
Figure 4. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
1.0
2.0
5.0
20
100
10
200
100
70
50
TJ = 25°C
Cib
Cob
50
0.2
0.5
TJ = 25°C
VCE = 4.0 Vdc
IC = 3.0 Adc
PNP
NPN
PNP
NPN


Número de pieza similar - BDX34BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BDX34BG ONSEMI-BDX34BG Datasheet
93Kb / 6P
   Darlington Complementary Silicon Power Transistors
November, 2007 - Rev. 12
BDX34BG ONSEMI-BDX34BG Datasheet
100Kb / 6P
   Darlington Complementary Silicon Power Transistors
November, 2014 ??Rev. 14
More results

Descripción similar - BDX34BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com