Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZX84C2V4LT1 Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. BZX84C2V4LT1
Descripción  Zener Voltage Regulators 225 mW SOT-23 Surface Mount
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C2V4LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BZX84C2V4LT1_05 Hoja de datos HTML 1Page - ON Semiconductor BZX84C2V4LT1_05 Hoja de datos HTML 2Page - ON Semiconductor BZX84C2V4LT1_05 Hoja de datos HTML 3Page - ON Semiconductor BZX84C2V4LT1_05 Hoja de datos HTML 4Page - ON Semiconductor BZX84C2V4LT1_05 Hoja de datos HTML 5Page - ON Semiconductor BZX84C2V4LT1_05 Hoja de datos HTML 6Page - ON Semiconductor BZX84C2V4LT1_05 Hoja de datos HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 11
1
Publication Order Number:
BZX84C2V4LT1/D
BZX84B4V7LT1,
BZX84C2V4LT1 Series
Zener Voltage Regulators
225 mW SOT−23 Surface Mount
This series of Zener diodes is offered in the convenient, surface
mount plastic SOT−23 package. These devices are designed to provide
voltage regulation with minimum space requirement. They are well
suited for applications such as cellular phones, hand held portables,
and high density PC boards.
Features
225 mW Rating on FR−4 or FR−5 Board
Zener Breakdown Voltage Range − 2.4 V to 75 V
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
ESD Rating of Class 3 (>16 KV) per Human Body Model
Tight Tolerance Series Available (See Page 4)
Pb−Free Packages are Available
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily Solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Power Dissipation on FR−5 Board,
(Note 1) @ TA = 25°C
Derated above 25
°C
Thermal Resistance, Junction−to−Ambient
PD
RqJA
225
1.8
556
mW
mW/
°C
°C/W
Total Power Dissipation on Alumina
Substrate, (Note 2) @ TA = 25°C
Derated above 25
°C
Thermal Resistance, Junction−to−Ambient
PD
RqJA
300
2.4
417
mW
mW/
°C
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−65 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 1.0 X 0.75 X 0.62 in.
2. Alumina = 0.4 X 0.3 X 0.024 in., 99.5% alumina.
Device
Package
Shipping
ORDERING INFORMATION
BZX84CxxxLT1
SOT−23
3000/Tape & Reel
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
BZX84CxxxLT3
SOT−23
10,000/Tape & Reel
BZX84BxxxLT1
SOT−23
3000/Tape & Reel
BZX84BxxxLT3
SOT−23
10,000/Tape & Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
BZX84CxxxLT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
BZX84BxxxLT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
BZX84CxxxLT3G
10,000/Tape & Reel
BZX84BxxxLT3G
10,000/Tape & Reel
SOT−23
(Pb−Free)
SOT−23
(Pb−Free)
SOT−23
CASE 318
STYLE 8
3
Cathode
1
Anode
MARKING
DIAGRAM
3
1
2
1
xxx M
G
G
xxx
= Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation may vary depending
upon manufacturing location.
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn