Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E016FNR2G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC10E016FNR2G
Descripción Electrónicos  5.0 V ECL 8?묪it Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E016FNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC10E016FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 8Page - ON Semiconductor MC10E016FNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC10E016, MC100E016
http://onsemi.com
4
Table 5. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) 0 lfpm
500 lfpm
PLCC−28
PLCC−28
63.5
43.5
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
PLCC−28
22 to 26
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 6. 10E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
151
181
151
181
151
181
mA
VOH
Output HIGH Voltage (Note 2)
3980
4070
4160
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 2)
3050
3210
3370
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage
3830
3995
4160
3870
4030
4190
3940
4110
4280
mV
VIL
Input LOW Voltage
3050
3285
3520
3050
3285
3520
3050
3302
3555
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.


Número de pieza similar - MC10E016FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E016FNR2G ONSEMI-MC10E016FNR2G Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FNR2G ONSEMI-MC10E016FNR2G Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
More results

Descripción similar - MC10E016FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com