Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E107 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC10E107
Descripción Electrónicos  5V ECL Quint 2-Input XOR/XNOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E107 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10E107 Datasheet HTML 1Page - ON Semiconductor MC10E107 Datasheet HTML 2Page - ON Semiconductor MC10E107 Datasheet HTML 3Page - ON Semiconductor MC10E107 Datasheet HTML 4Page - ON Semiconductor MC10E107 Datasheet HTML 5Page - ON Semiconductor MC10E107 Datasheet HTML 6Page - ON Semiconductor MC10E107 Datasheet HTML 7Page - ON Semiconductor MC10E107 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10E107, MC100E107
http://onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
PLCC−28
PLCC−28
63.5
43.5
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
PLCC−28
22 to 26
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. 10E SERIES PECL DC CHARACTERISTICS VCC = 5.0 V, VEE = 0.0 V (Note 1)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
42
50
42
50
42
50
mA
VOH
Output HIGH Voltage (Note 2)
3980
4070
4160
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 2)
3050
3210
3370
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage
3830
3995
4160
3870
4030
4190
3940
4110
4280
mV
VIL
Input LOW Voltage
3050
3285
3520
3050
3285
3520
3050
3302
3555
mV
IIH
Input HIGH Current
200
200
200
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 5. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = −5.0 V (Note 3)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
42
50
42
50
42
50
mA
VOH
Output HIGH Voltage (Note 4)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 4)
−1950 −1790
−1630
−1950
−1790
−1630
−1950
−1773
−1595
mV
VIH
Input HIGH Voltage
−1170
−1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage
−1950 −1715
−1480
−1950
−1715
−1480
−1950
−1698
−1445
mV
IIH
Input HIGH Current
200
200
200
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
4. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.


Número de pieza similar - MC10E107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
More results

Descripción similar - MC10E107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com