Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7514-55 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK7514-55
Descripción Electrónicos  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7514-55 Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK7514-55 Datasheet HTML 1Page - NXP Semiconductors BUK7514-55 Datasheet HTML 2Page - NXP Semiconductors BUK7514-55 Datasheet HTML 3Page - NXP Semiconductors BUK7514-55 Datasheet HTML 4Page - NXP Semiconductors BUK7514-55 Datasheet HTML 5Page - NXP Semiconductors BUK7514-55 Datasheet HTML 6Page - NXP Semiconductors BUK7514-55 Datasheet HTML 7Page - NXP Semiconductors BUK7514-55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7514-55
Standard level FET
STATIC CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA;
55
-
-
V
voltage
T
j = -55˚C
50
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2
3.0
4.0
V
T
j = 175˚C
1
-
-
V
T
j = -55˚C
-
-
4.4
V
I
DSS
Zero gate voltage drain current
V
DS = 55 V; VGS = 0 V;
-
0.05
10
µA
T
j = 175˚C
-
-
500
µA
I
GSS
Gate source leakage current
V
GS = ±10 V; VDS = 0 V
-
0.02
1
µA
T
j = 175˚C
-
-
20
µA
±V
(BR)GSS
Gate-source breakdown
I
G = ±1 mA;
16
-
-
V
voltage
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 25 A
-
12
14
m
resistance
T
j = 175˚C
-
-
30
m
DYNAMIC CHARACTERISTICS
T
mb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 25 A
8
39
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
2200
2900
pF
C
oss
Output capacitance
-
500
600
pF
C
rss
Feedback capacitance
-
200
270
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 25 A;
-
18
26
ns
t
r
Turn-on rise time
V
GS = 10 V; RG = 10 Ω
-
3585ns
t
d off
Turn-off delay time
Resistive load
-
45
60
ns
t
f
Turn-off fall time
-
30
45
ns
L
d
Internal drain inductance
Measured from contact screw on
-
3.5
-
nH
tab to centre of die
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
68
A
current
I
DRM
Pulsed reverse drain current
-
-
240
A
V
SD
Diode forward voltage
I
F = 25 A; VGS = 0 V
-
0.95
1.2
V
I
F = 65 A; VGS = 0 V
-
1.0
-
V
t
rr
Reverse recovery time
I
F = 65 A; -dIF/dt = 100 A/µs;
-
57
-
ns
Q
rr
Reverse recovery charge
V
GS = -10 V; VR = 30 V
-
0.14
-
µC
April 1998
2
Rev 1.000


Número de pieza similar - BUK7514-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7514-55A PHILIPS-BUK7514-55A Datasheet
68Kb / 9P
   TrenchMOS standard level FET
July 2000-Rev 1.000
logo
Inchange Semiconductor ...
BUK7514-55A ISC-BUK7514-55A Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7514-55A NEXPERIA-BUK7514-55A Datasheet
286Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 2 - 26 April 2011
More results

Descripción similar - BUK7514-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com