Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7524-60 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK7524-60
Descripción Electrónicos  TrenchMOS transistor Standard level FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7524-60 Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7524-60 Datasheet HTML 1Page - NXP Semiconductors BUK7524-60 Datasheet HTML 2Page - NXP Semiconductors BUK7524-60 Datasheet HTML 3Page - NXP Semiconductors BUK7524-60 Datasheet HTML 4Page - NXP Semiconductors BUK7524-60 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Objective specification
TrenchMOS
™ transistor
BUK7524-60
Standard level FET
AVALANCHE LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 40 A; VDD ≤ 25 V;
-
-
80
mJ
unclamped inductive turn-off
V
GS = 10 V; RGS = 50 Ω; Tmb = 25 ˚C
energy
March 1997
3
Rev 1.000


Número de pieza similar - BUK7524-60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7524-55 PHILIPS-BUK7524-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
January 1997 Rev 1.000
BUK7524-55 PHILIPS-BUK7524-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
January 1997 Rev 1.000
BUK7524-55A PHILIPS-BUK7524-55A Datasheet
314Kb / 15P
   TrenchMOS standard level FET
Rev. 02-01 March 2001
logo
Inchange Semiconductor ...
BUK7524-55A ISC-BUK7524-55A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUK7524-60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com