Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ15023 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MJ15023
Descripción Electrónicos  Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15023 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ15023 Datasheet HTML 1Page - ON Semiconductor MJ15023 Datasheet HTML 2Page - ON Semiconductor MJ15023 Datasheet HTML 3Page - ON Semiconductor MJ15023 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PNP − MJ15023, MJ15025*
http://onsemi.com
4
PACKAGE DIMENSIONS
TO−204 (TO−3)
CASE 1−07
ISSUE Z
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. ALL RULES AND NOTES ASSOCIATED WITH
REFERENCED TO−204AA OUTLINE SHALL APPLY.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.550 REF
39.37 REF
B
−−−
1.050
−−−
26.67
C
0.250
0.335
6.35
8.51
D
0.038
0.043
0.97
1.09
E
0.055
0.070
1.40
1.77
G
0.430 BSC
10.92 BSC
H
0.215 BSC
5.46 BSC
K
0.440
0.480
11.18
12.19
L
0.665 BSC
16.89 BSC
N
−−−
0.830
−−−
21.08
Q
0.151
0.165
3.84
4.19
U
1.187 BSC
30.15 BSC
V
0.131
0.188
3.33
4.77
A
N
E
C
K
−T− SEATING
PLANE
2 PL
D
M
Q
M
0.13 (0.005)
Y M
T
M
Y
M
0.13 (0.005)
T
−Q−
−Y−
2
1
U
L
G
B
V
H
STYLE 1:
PIN 1. BASE
2. EMITTER
CASE: COLLECTOR
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MJ15023/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Número de pieza similar - MJ15023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
MJ15023 MOSPEC-MJ15023 Datasheet
141Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023 Datasheet
144Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15023 WINGS-MJ15023 Datasheet
63Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Savantic, Inc.
MJ15023 SAVANTIC-MJ15023 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
More results

Descripción similar - MJ15023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com