Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJD18002D2 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MJD18002D2
Descripción Electrónicos  POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD18002D2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MJD18002D2 Datasheet HTML 2Page - ON Semiconductor MJD18002D2 Datasheet HTML 3Page - ON Semiconductor MJD18002D2 Datasheet HTML 4Page - ON Semiconductor MJD18002D2 Datasheet HTML 5Page - ON Semiconductor MJD18002D2 Datasheet HTML 6Page - ON Semiconductor MJD18002D2 Datasheet HTML 7Page - ON Semiconductor MJD18002D2 Datasheet HTML 8Page - ON Semiconductor MJD18002D2 Datasheet HTML 9Page - ON Semiconductor MJD18002D2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MJD18002D2
http://onsemi.com
6
Typical Switching Characteristics
Figure 13. Resistive Switch Time, toff
IC, COLLECTOR CURRENT (AMPS)
5.5
1.6
1
0.7
0.4
0.1
Figure 14. Inductive Storage Time, tsi @ IC/IB = 5
1.5
Figure 15. Inductive Switching, tc & tfi @ IC/IB = 5
IC, COLLECTOR CURRENT (AMPS)
700
100
1.5
1
0.5
0
Figure 16. Inductive Storage Time
0
hFE, FORCED GAIN
15
9
6
3
0
Figure 17. Inductive Fall Time
hFE, FORCED GAIN
15
5
3
0
hFE, FORCED GAIN
1800
15
6
3
0
600
Figure 18. Inductive Cross−Over Time
1000
2.5
3.0
3.5
4.0
4.5
5.0
12
1
2
3
4
300
500
11
200
400
600
12
9
IBon = IBoff
VCC = 300 V
PW = 40
ms
IBon = IBoff,
VCC = 15 V,
VZ = 300 V
LC = 200 mH
IBon = IBoff,
VCC = 15 V,
VZ = 300 V
LC = 200 mH
IBon = IBoff,
VCC = 15 V,
VZ = 300 V
LC = 200 mH
1200
TJ = 125°C
TJ = 25°C
IC/IB = 5
IC/IB = 10
1.3
2.0
IC, COLLECTOR CURRENT (AMPS)
3
1.5
1.5
1
0.5
0
1
2
2.5
TJ = 125°C
IBon = IBoff,
VCC = 15 V,
VZ = 300 V
LC = 200 mH
TJ = 25°C
200
400
600
TJ = 125°C
TJ = 25°C
IC/IBon = 5
tfi
tc
TJ = 125°C
TJ = 25°C
IC = 300 mA
IC = 1 A
TJ = 125°C
TJ = 25°C
9
713
800
IC = 1 A
IC = 0.3 A
IBon = IBoff,
VCC = 15 V,
VZ = 300 V
LC = 200 mH
TJ = 125°C
TJ = 25°C
IC = 1 A
IC = 0.3 A


Número de pieza similar - MJD18002D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
logo
Micro Commercial Compon...
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
   Silicon NPN epitaxial planer Transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112 Datasheet
147Kb / 8P
   Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
MJD112 WINNERJOIN-MJD112 Datasheet
109Kb / 2P
   TO-251/TO-252-2 Plastic-Encapsulate Transistors
More results

Descripción similar - MJD18002D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
   50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
   50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com