Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP05MNR4 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10EP05MNR4
Descripción Electrónicos  3.3V / 5V ECL 2?묲nput Differential AND/NAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP05MNR4 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP05MNR4 Datasheet HTML 1Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 2Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 3Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 4Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 5Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 6Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 7Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 8Page - ON Semiconductor MC10EP05MNR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP05, MC100EP05
http://onsemi.com
2
Figure 1. 8−Lead Pinout (Top View) and Logic
Diagram
1
2
3
45
6
7
8
Q
VEE
VCC
D0
Q
D1
D1
D0
Table 1. PIN DESCRIPTION
Pin
Function
D0*, D1*, D0**, D1**
ECL Data Inputs
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
* Pins will default LOW when left open.
** Pins will default to VCC/2when left open.
Table 2. TRUTH TABLE
D0
D1
D0
D1
Q
Q
L
L
H
H
L
H
L
H
H
H
L
L
H
L
H
L
L
L
L
H
H
H
H
L
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
37.5 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
137 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Número de pieza similar - MC10EP05MNR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05 Datasheet
85Kb / 8P
   2-Input Differential AND/NAND
Sep, 1999 ??Rev. 1.0
MC10EP05 ONSEMI-MC10EP05 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 8P
   2-Input Differential AND/NAND
Sep, 1999 ??Rev. 1.0
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05D ONSEMI-MC10EP05D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Descripción similar - MC10EP05MNR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05V MICREL-SY10EP05V Datasheet
81Kb / 6P
   5V/3.3V DIFFERENTIAL AND/NAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com