Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP56 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC10EP56
Descripción Electrónicos  3.3V / 5V ECL Dual Differential 2:1 Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP56 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP56 Datasheet HTML 2Page - ON Semiconductor MC10EP56 Datasheet HTML 3Page - ON Semiconductor MC10EP56 Datasheet HTML 4Page - ON Semiconductor MC10EP56 Datasheet HTML 5Page - ON Semiconductor MC10EP56 Datasheet HTML 6Page - ON Semiconductor MC10EP56 Datasheet HTML 7Page - ON Semiconductor MC10EP56 Datasheet HTML 8Page - ON Semiconductor MC10EP56 Datasheet HTML 9Page - ON Semiconductor MC10EP56 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10EP56, MC100EP56
http://onsemi.com
6
100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
61
75
50
63
77
55
66
80
mA
VOH
Output HIGH Voltage (Note 15)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 15)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
VBB
Output Voltage Reference
3475
3575
3675
3475
3575
3675
3475
3575
3675
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 16)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
−150
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
15.All loading with 50 W to VCC − 2.0 V.
16.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 8. 100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 17)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
61
75
50
63
77
55
66
80
mA
VOH
Output HIGH Voltage (Note 18)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 18)
−1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625 −1945
−1625 −1945
−1625
mV
VBB
Output Voltage Reference
−1525 −1425 −1325 −1525 −1425 −1325 −1525 −1425 −1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 19)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
−150
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
17.Input and output parameters vary 1:1 with VCC.
18.All loading with 50 W to VCC − 2.0 V.
19.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Número de pieza similar - MC10EP56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56 ONSEMI-MC10EP56 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
More results

Descripción similar - MC10EP56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com