Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP58 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10EP58
Descripción Electrónicos  3.3V / 5V ECL 2:1 Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP58 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP58_06 Datasheet HTML 1Page - ON Semiconductor MC10EP58_06 Datasheet HTML 2Page - ON Semiconductor MC10EP58_06 Datasheet HTML 3Page - ON Semiconductor MC10EP58_06 Datasheet HTML 4Page - ON Semiconductor MC10EP58_06 Datasheet HTML 5Page - ON Semiconductor MC10EP58_06 Datasheet HTML 6Page - ON Semiconductor MC10EP58_06 Datasheet HTML 7Page - ON Semiconductor MC10EP58_06 Datasheet HTML 8Page - ON Semiconductor MC10EP58_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP58, MC100EP58
http://onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Da
Q
Db
SEL
NC
1
0
MUX
Figure 1. 8−Lead Pinout (Top View) and Logic Diagram
Table 1. PIN DESCRIPTION
PIN
Da*, Db*
ECL Select Inputs
FUNCTION
ECL Data Inputs
Table 2. TRUTH TABLE
SEL
H
L
Data
a
b
SEL*
ECL Data Outputs
Negative Supply
Positive Supply
NC
VCC
VEE
No Connect
Q, Q
* Pins will default LOW when left open.
EP
Exposed pad must be connected to a
sufficient thermal conduit. Electrically
connect to the most negative supply
or leave floating open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
41 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Número de pieza similar - MC10EP58_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP58D ONSEMI-MC10EP58D Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
MC10EP58D ONSEMI-MC10EP58D Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EP58D ONSEMI-MC10EP58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP58DG ONSEMI-MC10EP58DG Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
MC10EP58DR2 ONSEMI-MC10EP58DR2 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
More results

Descripción similar - MC10EP58_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com