Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7608-55 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BUK7608-55
Descripción Electrónicos  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7608-55 Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK7608-55 Datasheet HTML 1Page - NXP Semiconductors BUK7608-55 Datasheet HTML 2Page - NXP Semiconductors BUK7608-55 Datasheet HTML 3Page - NXP Semiconductors BUK7608-55 Datasheet HTML 4Page - NXP Semiconductors BUK7608-55 Datasheet HTML 5Page - NXP Semiconductors BUK7608-55 Datasheet HTML 6Page - NXP Semiconductors BUK7608-55 Datasheet HTML 7Page - NXP Semiconductors BUK7608-55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7608-55
Standard level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel
enhancement
mode
SYMBOL
PARAMETER
MAX.
UNIT
standard level field-effect power
transistor in a plastic envelope
V
DS
Drain-source voltage
55
V
suitable for surface mounting. Using
I
D
Drain current (DC)
75
A
’trench’
technology
the
device
P
tot
Total power dissipation
187
W
features very low on-state resistance
T
j
Junction temperature
175
˚C
and has integral zener diodes giving
R
DS(ON)
Drain-source on-state
8
m
ESD protection up to 2kV. It is
resistance
V
GS = 10 V
intended for use in automotive and
general
purpose
switching
applications.
PINNING - SOT404
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
mb
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
16
V
I
D
Drain current (DC)
T
mb = 25 ˚C
-
75
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
65
A
I
DM
Drain current (pulse peak value)
T
mb = 25 ˚C
-
240
A
P
tot
Total power dissipation
T
mb = 25 ˚C
-
187
W
T
stg, Tj
Storage & operating temperature
-
- 55
175
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage, all pins
(100 pF, 1.5 k
Ω)
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
0.8
K/W
mounting base
R
th j-a
Thermal resistance junction to
Minimum footprint, FR4
50
-
K/W
ambient
board
d
g
s
13
mb
2
April 1998
1
Rev 1.000


Número de pieza similar - BUK7608-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7608-55 PHILIPS-BUK7608-55 Datasheet
66Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.000
logo
Nexperia B.V. All right...
BUK7608-55 NEXPERIA-BUK7608-55 Datasheet
173Kb / 9P
   TrenchMOSÔ transistor Standard level FET
Rev 1.000 April 1998
logo
NXP Semiconductors
BUK7608-55A PHILIPS-BUK7608-55A Datasheet
130Kb / 14P
   TrenchMOS standard level FET
Rev. 02-17 January 2002
logo
Inchange Semiconductor ...
BUK7608-55A ISC-BUK7608-55A Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7608-55A NEXPERIA-BUK7608-55A Datasheet
790Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03 - 14 June 2010
More results

Descripción similar - BUK7608-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com