Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC26LS30 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC26LS30
Descripción Electrónicos  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC26LS30 Datasheet HTML 6Page - ON Semiconductor MC26LS30 Datasheet HTML 7Page - ON Semiconductor MC26LS30 Datasheet HTML 8Page - ON Semiconductor MC26LS30 Datasheet HTML 9Page - ON Semiconductor MC26LS30 Datasheet HTML 10Page - ON Semiconductor MC26LS30 Datasheet HTML 11Page - ON Semiconductor MC26LS30 Datasheet HTML 12Page - ON Semiconductor MC26LS30 Datasheet HTML 13Page - ON Semiconductor MC26LS30 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC26LS30
http://onsemi.com
10
transients induced onto the drivers’ outputs from the
external cable (from ESD, motor noise, nearby computers,
etc.).
Operating Temperature Range
The maximum ambient operating temperature, listed as
+85
°C, is actually a function of the system use (i.e.,
specifically how many drivers within a package are used)
and at what current levels they are operating. The maximum
power which may be dissipated within the package is
determined by:
PDmax +
TJmax * TA
R
qJA
where RθJA = package thermal resistance which is typically:
120
°C/W for the SOIC (D) package,
TJmax = max. allowable junction temperature (150°C)
TA = ambient air temperature near the IC package.
1) Differential Mode Power Dissipation
For the differential mode, the power dissipated within the
package is calculated from:
PD + [(VCC * VOD)
IO ] (each driver) ) (VCC
IB)
where: VCC = the supply voltage
VOD = is taken from Figure 6 for the known
value of IO
IB
= the internal bias current (Figure 7)
As indicated in the equation, the first term (in brackets) must
be calculated and summed for each of the two drivers, while
the last term is common to the entire package. Note that the
term (VCC −VOD) is constant for a given value of IO and does
not vary with VCC. For an application involving the
following conditions:
TA = +85°C, IO = −60 mA (each driver), VCC = 5.25 V, the
suitability of the package types is calculated as follows.
The power dissipated is:
PD + [3.0 V
60 mA
2]
) (5.25 V
18 mA)
PD + 454 mW
The junction temperature calculates to:
TJ + 85°C ) (0.454 W
120
°C W) + 139°C for the
SOIC package.
Since the maximum allowable junction temperature is not
exceeded in any of the above cases, either package can be
used in this application.
2) Single−Ended Mode Power Dissipation
For the single−ended mode, the power dissipated within
the package is calculated from:
PD + (IB
)
VCC) ) (IB
*
VEE) )
[(IO
(VCC * VOH)](each driver)
The above equation assumes IO has the same magnitude
for both output states, and makes use of the fact that the
absolute value of the graphs of Figures 10 and 11 are nearly
identical. IB+ and IB− are obtained from the right half of
Figures 12 and 13, and (VCC − VOH) can be obtained from
Figure 10. Note that the term (VCC − VOH) is constant for a
given value of IO and does not vary with VCC. For an
application involving the following conditions:
TA = +85°C, IO = −60 mA (each driver), VCC = 5.25 V,
VEE = −5.25 V, the suitability of the package types is
calculated as follows.
The power dissipated is:
PD + 490 mW
PD + (24 mA
5.25 V)
) (*3.0 mA
*5.25 V) )
[ 60 mA
1.45 V
4.0 ]
The junction temperature calculates to:
TJ + 85°C ) (0.490 W
120
°C W) + 144°C for the
SOIC package.
Since the maximum allowable junction temperature is not
exceeded in any of the above cases, either package can be
used in this application.


Número de pieza similar - MC26LS30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30D ONSEMI-MC26LS30D Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

Descripción similar - MC26LS30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com