Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBD452LT1 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MMBD452LT1
Descripción Electrónicos  Dual Hot?묬arrier Diodes Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD452LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBD452LT1 Datasheet HTML 1Page - ON Semiconductor MMBD452LT1 Datasheet HTML 2Page - ON Semiconductor MMBD452LT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 3
1
Publication Order Number:
MMBD452LT1/D
MMBD452LT1
Preferred Device
Dual Hot−Carrier Diodes
Schottky Barrier Diodes
These devices are designed primarily for high−efficiency UHF and
VHF detector applications. They are readily adaptable to many other
fast switching RF and digital applications. They are supplied in an
inexpensive plastic package for low−cost, high−volume consumer
and industrial/commercial requirements.
Features
Extremely Low Minority Carrier Lifetime
Very Low Capacitance
Low Reverse Leakage
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
225
1.8
mW
mW/
°C
Operating Junction Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not normal
operating conditions) and are not valid simultaneously. If these limits are exceeded,
device functional operation is not implied, damage may occur and reliability may
be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
(EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
30
V
Total Capacitance
(VR = 15 V, f = 1.0 MHz) Figure 1
CT
0.9
1.5
pF
Reverse Leakage
(VR = 25 V) Figure 3
IR
13
200
nAdc
Forward Voltage
(IF = 1.0 mAdc) Figure 4
VF
0.38
0.45
Vdc
Forward Voltage
(IF = 10 mAdc) Figure 4
VF
0.52
0.6
Vdc
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 11
Preferred devices are recommended choices for future use
and best overall value.
1
2
3
Device
Package
Shipping
ORDERING INFORMATION
MMBD452LT1
SOT−23
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBD452LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
1
5N M
G
G
5N = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
3
CATHODE/ANODE
1
ANODE
2
CATHODE
30 VOLTS
DUAL HOT−CARRIER
DETECTOR AND SWITCHING
DIODES


Número de pieza similar - MMBD452LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMBD452LT1 ONSEMI-MMBD452LT1 Datasheet
96Kb / 4P
   DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
November, 2001 ??Rev. 2
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
124Kb / 3P
   Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
   Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
   Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
More results

Descripción similar - MMBD452LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_06 Datasheet
64Kb / 4P
   Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
MBD301 ONSEMI-MBD301_07 Datasheet
65Kb / 5P
   Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
   Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G_11 Datasheet
112Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR301 FS-FDR301 Datasheet
209Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com