Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74ACT08DR2 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74ACT08DR2
Descripción Electrónicos  Quad 2?묲nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT08DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT08DR2 Datasheet HTML 1Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 7Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 8Page - ON Semiconductor MC74ACT08DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 8
1
Publication Order Number:
MC74AC08/D
MC74AC08, MC74ACT08
Quad 2−Input AND Gate
Features
Outputs Source/Sink 24 mA
′ACT08 Has TTL Compatible Inputs
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to
+7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to
VCC +0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to
VCC +0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
mA
Storage Temperature
Tstg
−65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
13
14
12
11
10
9
8
2
1
34567
GND
VCC
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
TSSOP−14
DT SUFFIX
CASE 948G
1
14
SOEIAJ−14
M SUFFIX
CASE 965
1
14
SO−14
D SUFFIX
CASE 751A
1
14
1
14
PDIP−14
N SUFFIX
CASE 646
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Número de pieza similar - MC74ACT08DR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74ACT08DR2 ONSEMI-MC74ACT08DR2 Datasheet
105Kb / 8P
   QUAD 2-INPUT AND GATE
June, 2004 ??Rev. 6
MC74ACT08DR2G ONSEMI-MC74ACT08DR2G Datasheet
87Kb / 8P
   Quad 2-Input AND Gate
January, 2015 ??Rev. 10
More results

Descripción similar - MC74ACT08DR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com