Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC74AC74DT Datasheet(PDF) 6 Page - ON Semiconductor |
|
MC74AC74DT Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC74AC74, MC74ACT74 http://onsemi.com 6 AC OPERATING REQUIREMENTS Symbol Parameter VCC* (V) 74ACT 74ACT Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Typ Guaranteed Minimum ts Set-up Time, HIGH or LOW 5.0 1.0 3.0 3.5 ns 3−9 Dn to CPn th Hold Time, HIGH or LOW 5.0 −0.5 1.0 1.0 ns 3−9 Dn to CPn tw CPn or CDn or SDn 5.0 3.0 5.0 6.0 ns 3−6 Pulse Width trec Recovery TIme 5.0 −2.5 0 0 ns 3−9 CDn or SDn to CP *Voltage Range 5.0 V is 5.0 V ±0.5 V. CAPACITANCE Symbol Parameter Value Typ Unit Test Conditions CIN Input Capacitance 4.5 pF VCC = 5.0 V CPD Power Dissipation Capacitance 35 pF VCC = 5.0 V |
Número de pieza similar - MC74AC74DT |
|
Descripción similar - MC74AC74DT |