Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7840-55 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK7840-55
Descripción Electrónicos  TrenchMOS transistor Standard level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7840-55 Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7840-55 Datasheet HTML 1Page - NXP Semiconductors BUK7840-55 Datasheet HTML 2Page - NXP Semiconductors BUK7840-55 Datasheet HTML 3Page - NXP Semiconductors BUK7840-55 Datasheet HTML 4Page - NXP Semiconductors BUK7840-55 Datasheet HTML 5Page - NXP Semiconductors BUK7840-55 Datasheet HTML 6Page - NXP Semiconductors BUK7840-55 Datasheet HTML 7Page - NXP Semiconductors BUK7840-55 Datasheet HTML 8Page - NXP Semiconductors BUK7840-55 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7840-55
Standard level FET
AVALANCHE LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 3.6 A; VDD ≤ 25 V;
-
-
60
mJ
unclamped inductive turn-off
V
GS = 10 V; RGS = 50 Ω; Tsp = 25 ˚C
energy
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tsp)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tsp); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
sp = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-sp = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
BUKX840-55
VDS/V
ID/A
1 us
10 us
100 us
1 ms
10 ms
100 ms
tp =
0.1
1
10
100
0.1
1
10
55
RDS(ON) = VDS/ID
DC
0
20
40
60
80
100
120
140
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-07
1E-05
1E-03
1E-01
1E+01
t / s
Zth / (K/W)
1E+02
3E+01
1E+01
3E+00
1E+00
3E-01
1E-01
3E-02
1E-02
0
0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
BUK9840-55
January 1998
3
Rev 1.000


Número de pieza similar - BUK7840-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK78150-55 PHILIPS-BUK78150-55 Datasheet
54Kb / 9P
   TrenchMOS transistor Standard level FET
January 1998 Rev 1.000
BUK78150-55 PHILIPS-BUK78150-55 Datasheet
67Kb / 9P
   TrenchMOS transistor Standard level FET
January 1998 Rev 1.000
BUK78150-55A PHILIPS-BUK78150-55A Datasheet
295Kb / 13P
   TrenchMOS standard level FET
Rev. 01-30 January 2001
logo
Nexperia B.V. All right...
BUK78150-55A NEXPERIA-BUK78150-55A Datasheet
931Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 16 June 2010
logo
NXP Semiconductors
BUK78150-55A PHILIPS-BUK78150-55A_15 Datasheet
341Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-16 June 2010
More results

Descripción similar - BUK7840-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com