Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL6619 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

No. de pieza SL6619
Descripción Electrónicos  Direct Conversion FSK Data Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6619 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SL6619 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6619 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
SL6619
Data Sheet
Receiver Characteristics (450MHz)
Receiver Characteristics (450MHz) are guaranteed over the following range of operating conditions unless otherwise stated.
Characteristics are not tested but are guaranteed by characterisation test or design. All measurements made using the
characterisation circuit Fig. 5. See Application Note AN137 for details of test method.
TAMB = 210
°C to 155°C, VCC1 = 1·04V to 2·0V, VCC2 = 2·3V to 3·2V, VCC1,VCC220·8V, carrier frequency = 450MHz,
BER = 1 in 30, AFC open loop. LNA gain set such that an RF signal of273dBm at the LNA input, offset from the LO
by 4kHz, gives a typical IF signal level of 300mV p-p at TPI and TPQ. LNA noise figure,2dB
Characteristic
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm. Channel
spacing 25kHz
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm. Channel
spacing 25kHz
512bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz. All at sensitivity 13dB or above
1200bps, Df = 4·0kHz. All at sensitivity 13dB or above
2400bps, Df = 4·5kHz. All at sensitivity 13dB or above
Conditions
Sensitivity
Intermodulation, I
M3
Adjacent Channel
Deviation Acceptance
Up
Down
Up
Down
Up
Down
Centre Frequency Acceptance
AFC Capture Range (AFC
Closed Loop)
Value
Typ.
Min.
2128
2126
2123
57
55
53
74
72
69
11·9
22·5
13·0
22·3
12·5
22·3
62·8
62·5
62·5
64
63·5
64
50
48
62·5
60
11·8
22·7
11·7
23
62·0
62·0
Max.
dBm
dBm
dBm
dB
dB
dB
dB
dB
dB
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
Units
2122
2119
14·6
21·7
14·6
21·7
62·9
63·2


Número de pieza similar - SL6619

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
SL6619KG MITEL-SL6619KG Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
SL6619TP1N MITEL-SL6619TP1N Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
SL6619TP1Q MITEL-SL6619TP1Q Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

Descripción similar - SL6619

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com