Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK866-400IZ Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BUK866-400IZ
Descripción Electrónicos  Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK866-400IZ Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK866-400IZ Datasheet HTML 1Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 2Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 3Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 4Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 5Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 6Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 7Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
Insulated Gate Bipolar Transistor
BUK866-400 IZ
Protected Logic-Level IGBT
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Protected N-channel logic-level
SYMBOL PARAMETER
MIN. TYP. MAX. UNIT
insulated gate bipolar power
transistor in a plastic envelope
V
(CL)CER
Collector-emitter clamp voltage
350
400
500
V
suitable for surface mount
V
CEsat
Collector-emitter on-state voltage
2.2
V
applications. It is intended for
I
C
Collector current (DC)
20
A
automotive ignition applications, and
P
tot
Total power dissipation
100
W
has integral zener diodes providing
E
CERS
Clamped energy dissipation
300
mJ
active collector voltage clamping and
ESD protection up to 2 kV.
PINNING - SOT404
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
collector
3
emitter
tab
collector
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CE
Collecter-emitter voltage
t
p ≤ 500 µs
-
500
V
V
CE
Collector-emitter voltage
Continuous
-20
50
V
±V
GE
Gate-emitter voltage
-
-
12
V
I
C
Collector current (DC)
T
mb = 100 ˚C
-
10
A
I
C
Collector current (DC)
T
mb =
25 ˚C
-
20
A
I
CM
Collector current (pulsed peak value, T
mb =
25 ˚C; t
p ≤ 10 ms;
-
25
A
on-state)
V
CE ≤ 15 V
I
CLM
Collector current (clamped inductive
1 k
Ω ≤ R
G ≤ 10 kΩ
-10
A
load)
E
CERS
Clamped turn-off energy
T
mb = 25 ˚C; IC = 10 A; RG = 1 kΩ;
-
300
mJ
(non-repetitive)
see Figs. 23,24
E
CERR
Clamped turn-off energy (repetitive)
T
mb = 125 ˚C; IC = 8 A; RG = 1 kΩ;
-
125
mJ
f = 50 Hz; t = 60 min.
E
ECR
Reverse avalanche energy
I
E = 1 A; f = 50 Hz
-
5
mJ
(repetitive)
P
tot
Total power dissipation
T
mb =
25 ˚C
-
125
W
T
stg
Storage temperature
-
-55
150
˚C
T
j
Operating Junction Temperature
-
-40
150
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage
(100 pF, 1.5 k
Ω)
13
mb
2
c
g
e
December 1996
1
Rev. 1.100


Número de pieza similar - BUK866-400IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK866-400IZ PHILIPS-BUK866-400IZ Datasheet
92Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.100
More results

Descripción similar - BUK866-400IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK866-400IZ PHILIPS-BUK866-400IZ Datasheet
92Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.100
BUK856-400IZ PHILIPS-BUK856-400IZ Datasheet
81Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.200
BUK856-400IZ PHILIPS-BUK856-400IZ Datasheet
95Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.200
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com