Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX258DR2G Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MC74LCX258DR2G
Descripción Electrónicos  Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX258DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74LCX258DR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 8Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 9Page - ON Semiconductor MC74LCX258DR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC74LCX258
http://onsemi.com
9
PACKAGE DIMENSIONS
SOEIAJ−16
M SUFFIX
CASE 966−01
ISSUE O
HE
A1
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
0.78
−−−
0.031
A1
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
M
L
DETAIL P
VIEW P
c
A
b
e
M
0.13 (0.005)
0.10 (0.004)
1
16
9
8
D
Z
E
A
b
c
D
E
e
L
M
Z


Número de pieza similar - MC74LCX258DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX258DR2G ONSEMI-MC74LCX258DR2G Datasheet
134Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 8
More results

Descripción similar - MC74LCX258DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158 Datasheet
86Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Inverting)
January, 2005 ??Rev. 4
MC74LCX257 ONSEMI-MC74LCX257_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5.0 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 3
MC74LCX245 ONSEMI-MC74LCX245_05 Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX540 ONSEMI-MC74LCX540_05 Datasheet
88Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 5
MC74LCX157A ONSEMI-MC74LCX157A Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
MC74LCX157 ONSEMI-MC74LCX157_05 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com