Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2937-XX-TQ5-T Datasheet(PDF) 6 Page - Unisonic Technologies |
|
LM2937-XX-TQ5-T Datasheet(HTML) 6 Page - Unisonic Technologies |
6 / 10 page LM2937 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 10 www.unisonic.com.tw QW-R102-012.F TYPICAL APPLICATION UNREGULATED VIN CIN* 10 F VOUT UTC LM2937-XX REGULATED INPUT OUTPUT COUT** 10 F IQ μ μ 1 2 3 ON/OFF CONTROL APPLICATION UNREGULATED VIN CIN* 10 F VOUT UTC LM2937-XX REGULATED INPUT OUTPUT COUT** 10 F IQ μ μ N/C ON/OFF 4 132 5 * Required if the regulator is located more than 3 inches from the power supply filter capacitors. **Required for stability. COUT must be at least 10µF (over the full expected operating temperature range) and located as close as possible to the regulator. The equivalent series resistance, ESR, of this capacitor may be as high as 3Ω. |
Número de pieza similar - LM2937-XX-TQ5-T |
|
Descripción similar - LM2937-XX-TQ5-T |