Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9606-30 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK9606-30
Descripción Electrónicos  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9606-30 Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9606-30 Datasheet HTML 1Page - NXP Semiconductors BUK9606-30 Datasheet HTML 2Page - NXP Semiconductors BUK9606-30 Datasheet HTML 3Page - NXP Semiconductors BUK9606-30 Datasheet HTML 4Page - NXP Semiconductors BUK9606-30 Datasheet HTML 5Page - NXP Semiconductors BUK9606-30 Datasheet HTML 6Page - NXP Semiconductors BUK9606-30 Datasheet HTML 7Page - NXP Semiconductors BUK9606-30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9606-30
Logic level FET
AVALANCHE LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 75 A; VDD ≤ 15 V;
-
-
500
mJ
unclamped inductive turn-off
V
GS = 5 V; RGS = 50 Ω; Tmb = 25 ˚C
energy
December 1997
3
Rev 1.100


Número de pieza similar - BUK9606-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9606-40B NXP-BUK9606-40B Datasheet
306Kb / 15P
   TrenchMOS logic level FET
Rev. 01-14 May 2003
logo
Inchange Semiconductor ...
BUK9606-40B ISC-BUK9606-40B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9606-40B NEXPERIA-BUK9606-40B Datasheet
824Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 1 February 2011
logo
NXP Semiconductors
BUK9606-40B PHILIPS-BUK9606-40B_15 Datasheet
211Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02-1 February 2011
BUK9606-55A PHILIPS-BUK9606-55A Datasheet
73Kb / 7P
   TrenchMOS횚 transistor Logic level FET
January 1999 Rev 1.000
More results

Descripción similar - BUK9606-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com