Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6718-A-T6C-B Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza 2N6718-A-T6C-B
Descripción Electrónicos  NPN GENERAL PLANAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N6718-A-T6C-B Datasheet(HTML) 2 Page - Unisonic Technologies

  2N6718-A-T6C-B Datasheet HTML 1Page - Unisonic Technologies 2N6718-A-T6C-B Datasheet HTML 2Page - Unisonic Technologies 2N6718-A-T6C-B Datasheet HTML 3Page - Unisonic Technologies 2N6718-A-T6C-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N6718
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-056,B
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (Continue)
IC
1
A
Collector Current (Pulse)
IC
2
A
SOT-89
0.5
W
TO-126C
1.6
W
Total Power Dissipation
TO-92
PD
850
mW
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO IC=100uA
100
V
Collector-Emitter Breakdown Voltage (note)
BVCEO IC=1mA
100
V
Emitter-Base Breakdown Voltage
BVEBO IE=10µA
5
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC=350mA, IB=35mA
350
mV
Collector Cut-Off Current
ICBO
VCB=80V
100
nA
hFE1
VCE=1V, IC=50mA
80
hFE2
VCE=1V, IC=250mA
50
300
DC Current Gain
hFE3
VCE=1V, IC=500mA
20
Current Gain - Bandwidth Product
fT
VCE=10V, IC=50mA,
f=100MHz
50
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
20
pF
Note: Pulse test: PulseWidth≤380
µs, Duty Cycle≤2%
CLASSIFICATION OF hFE2
RANK
A
B
RANGE
50~115
95~300


Número de pieza similar - 2N6718-A-T6C-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
2N6718-TA DGNJDZ-2N6718-TA Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2N6718-X-AB3-R UTC-2N6718-X-AB3-R Datasheet
159Kb / 4P
   NPN GENERAL PLANAR TRANSISTOR
2N6718-X-T6C-K UTC-2N6718-X-T6C-K Datasheet
159Kb / 4P
   NPN GENERAL PLANAR TRANSISTOR
2N6718-X-T92-B UTC-2N6718-X-T92-B Datasheet
159Kb / 4P
   NPN GENERAL PLANAR TRANSISTOR
2N6718-X-T92-K UTC-2N6718-X-T92-K Datasheet
159Kb / 4P
   NPN GENERAL PLANAR TRANSISTOR
More results

Descripción similar - 2N6718-A-T6C-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2N6718 UTC-2N6718_10 Datasheet
159Kb / 4P
   NPN GENERAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
KTC2016 KEC-KTC2016 Datasheet
371Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2022D KEC-KTC2022D Datasheet
394Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC4369 KEC-KTC4369 Datasheet
284Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTD2058 KEC-KTD2058 Datasheet
328Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTN5551N3 CYSTEKEC-BTN5551N3 Datasheet
152Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTNA06N3 CYSTEKEC-BTNA06N3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2411L3 CYSTEKEC-BTC2411L3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC4097S3 CYSTEKEC-BTC4097S3 Datasheet
141Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050BA3 CYSTEKEC-BTN8050BA3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com