Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5551-C-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza 2N5551-C-T92-B
Descripción Electrónicos  HIGH VOLTAGE SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5551-C-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  2N5551-C-T92-B Datasheet HTML 1Page - Unisonic Technologies 2N5551-C-T92-B Datasheet HTML 2Page - Unisonic Technologies 2N5551-C-T92-B Datasheet HTML 3Page - Unisonic Technologies 2N5551-C-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N5551
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-002.B
TYPICAL CHARACTERISTICS
DC Current Gain
Collector Current, IC (mA)
VCE=5V
Collector Output Capacitance
Collector-Base Voltage (V)
0
2
4
6
8
10
f=1MHz
IE=0
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
Base-Emitter on Voltage
Base-Emitter Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
VCE=5V
Collector Current, IC (mA)
Saturation Voltage
IC=10*IB
10
3
10
2
10
1
10
0
10
-2
10
-1
10
0
10
1
10
-1
10
0
10
1
10
2
10
3
VCE(SAT)
VBE(SAT)
Current Gain-Bandwidth Product
Collector Current, IC (mA)
VCE=10V
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3


Número de pieza similar - 2N5551-C-T92-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
2N5551-TA DGNJDZ-2N5551-TA Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
2N5551-x-251-K BWTECH-2N5551-x-251-K Datasheet
215Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Unisonic Technologies
2N5551-X-AB3-R UTC-2N5551-X-AB3-R Datasheet
175Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Bruckewell Technology L...
2N5551-x-AB3-R BWTECH-2N5551-x-AB3-R Datasheet
215Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Unisonic Technologies
2N5551-X-T92-B UTC-2N5551-X-T92-B Datasheet
175Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Descripción similar - 2N5551-C-T92-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5551 UTC-MMDT5551 Datasheet
110Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
   High-Voltage Switching Transistor
logo
ARTSCHIP ELECTRONICS CO...
MMBT5551 ARTSCHIP-MMBT5551 Datasheet
1Mb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Unisonic Technologies
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com