Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC138DT Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC74VHC138DT
Descripción Electrónicos  3-To-8 Line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC138DT Datasheet(HTML) 6 Page - ON Semiconductor

  MC74VHC138DT Datasheet HTML 1Page - ON Semiconductor MC74VHC138DT Datasheet HTML 2Page - ON Semiconductor MC74VHC138DT Datasheet HTML 3Page - ON Semiconductor MC74VHC138DT Datasheet HTML 4Page - ON Semiconductor MC74VHC138DT Datasheet HTML 5Page - ON Semiconductor MC74VHC138DT Datasheet HTML 6Page - ON Semiconductor MC74VHC138DT Datasheet HTML 7Page - ON Semiconductor MC74VHC138DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74VHC138
http://onsemi.com
6
Figure 2.
50%
tPHL
tPLH
VCC
GND
VALID
VALID
Y
50% VCC
VCC
GND
tPLH
50% VCC
Y
E3
tPHL
50%
A
SWITCHING WAVEFORMS
Figure 3.
VCC
GND
tPHL
tPLH
Y
E2 or E1
50% VCC
50%
Figure 4.
*Includes all probe and jig capacitance
Figure 5. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
INPUT
Figure 6. Input Equivalent Circuit


Número de pieza similar - MC74VHC138DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74VHC138DT MOTOROLA-MC74VHC138DT Datasheet
164Kb / 7P
   3-to-8 Line Decoder
logo
ON Semiconductor
MC74VHC138DTR2G ONSEMI-MC74VHC138DTR2G Datasheet
137Kb / 8P
   3-to-8 Line Decoder
May, 2011 ??Rev. 5
More results

Descripción similar - MC74VHC138DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com