Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EL1648DG Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC100EL1648DG
Descripción Electrónicos  5 VECL Voltage Controlled Oscillator Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648DG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC100EL1648DG Datasheet HTML 6Page - ON Semiconductor MC100EL1648DG Datasheet HTML 7Page - ON Semiconductor MC100EL1648DG Datasheet HTML 8Page - ON Semiconductor MC100EL1648DG Datasheet HTML 9Page - ON Semiconductor MC100EL1648DG Datasheet HTML 10Page - ON Semiconductor MC100EL1648DG Datasheet HTML 11Page - ON Semiconductor MC100EL1648DG Datasheet HTML 12Page - ON Semiconductor MC100EL1648DG Datasheet HTML 13Page - ON Semiconductor MC100EL1648DG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC100EL1648
http://onsemi.com
10
WAVE−FORM CONDITIONING − SINE OR SQUARE WAVE
The peak−to−peak swing of the tank circuit is set
internally by the AGC pin. Since the voltage swing of the
tank circuit provides the drive for the output buffer, the AGC
potential directly affects the output waveform. If it is desired
to have a sine wave at the output of the MC100EL1648, a
series resistor is tied from the AGC point to the most
negative power potential (ground if positive volt supply is
used, −5.2 V if a negative supply is used) as shown in
Figure 13. At frequencies above 100 MHz typical, it may be
desirable to increase the tank circuit peak−to−peak voltage
in order to shape the signal into a more square waveform at
the output of the MC100EL1648. This is accomplished by
tying a series resistor (1.0 k
W minimum) from the AGC to
the most positive power potential (+5.0 V if a positive volt
supply is used, ground if a −5.2 V supply is used). Figure 14
illustrates this principle.
Figure 13. Method of Obtaining a Sine−Wave Output
10
12
78
3
5
Output
+5.0Vdc
114
Figure 14. Method of Extending the Useful Range
of the MC100EL1648 (Square Wave Output)
10
12
78
3
5
Output
+5.0Vdc
114
1.0k min


Número de pieza similar - MC100EL1648DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EL1648DG ONSEMI-MC100EL1648DG Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com